Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65123RGTTG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65123RGTTG4
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65123RGTTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65123RGTTG4 Datasheet HTML 5Page - Texas Instruments TPS65123RGTTG4 Datasheet HTML 6Page - Texas Instruments TPS65123RGTTG4 Datasheet HTML 7Page - Texas Instruments TPS65123RGTTG4 Datasheet HTML 8Page - Texas Instruments TPS65123RGTTG4 Datasheet HTML 9Page - Texas Instruments TPS65123RGTTG4 Datasheet HTML 10Page - Texas Instruments TPS65123RGTTG4 Datasheet HTML 11Page - Texas Instruments TPS65123RGTTG4 Datasheet HTML 12Page - Texas Instruments TPS65123RGTTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
SWN
TPS65120
D1
L1
10
C1
F
V IN
2.7 V to 5.5 V
VGL
down to −18 V/2 mA
C3
220 nF
R4
R3
SWP
FBL
VMAIN
FBM
C5
220 nF
R6
R5
V MAIN
3.0 V to 5.3 V/20 mA
C4
1
BOOT
VGH
C2
220 nF
VGH
up to 20 V/2 mA
PGND
AGND
FBH
RUN
VAUX
3.3 V/20 mA
EN
VIN
A
A
GATE
LDOIN
LDOOUT
C6
220 nF
R2
R1
List of Components:
U1 = TPS6512x
L1 = EPCOS SIMID1812-C
D1 = ZETEX ZUMD54C
CX = X5R/X7R
2.2 m
m
F
m
H
TYPICAL CHARACTERISTICS
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531A – JUNE 2004 – REVISED MARCH 2005
Table of Graphs
FIGURE
η
Core converter efficiency
vs Load current
3
vs Input voltage
4
Main output efficiency
vs Load current
5
vs Input voltage
6
VMAIN
Output ripple voltage
7
DC output voltage
vs Load current
8
Load transient response
9
VGH, VGL
Positive, negative output ripple voltage
10, 11
VGH
DC output voltage
vs Load current
12
VGL
DC output voltage
vs Load current
13
fs
Switching frequency
vs Load current
14
IQ
No load quiescent current
vs Input voltage
15
Power-Up Sequencing (TPS65120)
16
Power-Down Sequencing (TPS65120)
17
9


Similar Part No. - TPS65123RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65123RGT TI-TPS65123RGT Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65123RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com