Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650001 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650001
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650001 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS650001 Datasheet HTML 6Page - Texas Instruments TPS650001 Datasheet HTML 7Page - Texas Instruments TPS650001 Datasheet HTML 8Page - Texas Instruments TPS650001 Datasheet HTML 9Page - Texas Instruments TPS650001 Datasheet HTML 10Page - Texas Instruments TPS650001 Datasheet HTML 11Page - Texas Instruments TPS650001 Datasheet HTML 12Page - Texas Instruments TPS650001 Datasheet HTML 13Page - Texas Instruments TPS650001 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
2
2.5
3
5.5
5
6
VI -InputVoltage-V
0
20
3.5
4
4.5
30
50
10
40
T =85 C
A
o
T =-40 C
A
o
T =25 C
A
o
VOUT
IN
=1.8V
EN_DCDC=V
Mode=GND
I =0mA
Measuretime=2s
EN_LDOx=GND
O
1.6
2.1
2.6
5.1
4.6
5.6
VI -InputVoltage-V
0
3.1
3.6
4.1
20
8
18
2
4
6
10
12
14
16
T =85 C
A
o
T =-40 C
A
o
T =25 C
A
o
VOUT
IN
=1.2V
EN_DCDC=GND
EN_LDOx=V
I =0mA
Measuretime=2s
O
t- Time-100 s/div
m
VDCDC=1.8V
DCDC LoadCurrent=50mA
Mode=GND
VINDCDC=3.6Vto4.2Vto3.6V
T
=25 C
A
o
2
2.5
3
5.5
5
6
VI -InputVoltage-V
0
3.5
4
4.5
10
20
T =85 C
A
o
T =-40 C
A
o
T =25 C
A
o
VOUT =1.8V
EN_DCDC=GND
Mode=GND
I =0mA
Measuretime=2s
EN_LDOx=GND
O
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
SLVS810B – JUNE 2009 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TPS650001
TPS650001
QUIESCENT CURRENT (DCDC PFM Mode)
QUIESCENT CURRENT (LDOx)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10.
TPS650001
SHUTDOWN CURRENT
vs
INPUT VOLTAGE
LINE TRANSIENT RESPONSE (DCDC PFM Mode)
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650001RTER TI1-TPS650001RTER Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001RTER TI1-TPS650001RTER Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
TPS650001RTET TI1-TPS650001RTET Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001RTET TI1-TPS650001RTET Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
More results

Similar Description - TPS650001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com