Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65124RGTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65124RGTR
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65124RGTR Datasheet(HTML) 1 Page - Texas Instruments

  TPS65124RGTR Datasheet HTML 1Page - Texas Instruments TPS65124RGTR Datasheet HTML 2Page - Texas Instruments TPS65124RGTR Datasheet HTML 3Page - Texas Instruments TPS65124RGTR Datasheet HTML 4Page - Texas Instruments TPS65124RGTR Datasheet HTML 5Page - Texas Instruments TPS65124RGTR Datasheet HTML 6Page - Texas Instruments TPS65124RGTR Datasheet HTML 7Page - Texas Instruments TPS65124RGTR Datasheet HTML 8Page - Texas Instruments TPS65124RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
SWN
TPS65123
D1
L1
10
C1
2.2
V
IN
2.7 V to 5.5 V
V
GL
down to −18 V/2 mA
C3
100 nF
R4
R3
SWP
FBL
VMAIN
FBM
C5
220 nF
R6
R5
V
MAIN
3.0 V to 5.3 V/25 mA
C4
1
BOOT
VGH
C2
100 nF
V
GH
up to 20 V/2 mA
PGND
AGND
FBH
RUN
EN
VIN
A
A
GATE
R2
R1
F
µ
µ
F
µ
H
0
10
20
30
40
50
60
70
80
90
100
VIN − Input Voltage − V
IBOOT − Load Current − mA
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531A – JUNE 2004 – REVISED MARCH 2005
SINGLE-INDUCTOR QUADRUPLE-OUTPUT
TFT LCD POWER SUPPLY
Automatic or Programmable Power
Sequencing
Main Output, VMAIN
Complete 1 mm Component Profile Solution
– Adjustable Voltage, 3.0 V to 5.6 V/25 mA
2.5 V to 5.5 V Input Voltage Range
– Post-Regulated for Low Ripple (5mVPP)
Output Short Circuit Protected
– ±0.8% Typical Accuracy
– Efficiency up to 83%
16-Pin QFN Package (3 × 3 × 0,9 mm)
Positive Output, VGH
– Adjustable Voltage up to 20 V/2 mA
Small Form Factor a-Si and LTPS TFT LCD
– ±3% Typical Accuracy
Cell Phones, Smart Phones
Negative Output, VGL
PDAs, Pocket PCs
– Adjustable Voltage down to -18 V/2 mA
Portable DVD
– ±3% Typical Accuracy
Digital-Still Cameras, Camcorders
Auxiliary 1.8 V/3.3 V Linear Regulator
Handheld Instruments
Portable GPS
Car Navigation Systems
The TPS6512x DC-DC converter supplies all three voltages required by amorphous-silicon (a-Si) and
low-temperature poly-silicon (LTPS) TFT-LCD displays. The compact layout of the TPS6512x uses a single
inductor to generate independently-regulated positive and negative outputs. A free-running variable peak current
PWM control scheme time-multiplexes the inductor between outputs. This control architecture operates at a
pseudo-fixed-frequency to provide fast response to line and load transients while maintaining a relatively
constant switching frequency and high efficiency over a wide range of input and output voltages. Due to the high
switching frequency capability of the device, inexpensive and ultra-thin 8.2 or 10 µH inductors can be used.
The main output, VMAIN, is post-regulated to provide a low-ripple source drive voltage for the LCD display. The
auxiliary outputs generate a boosted output voltage, VGH, up to 20 V, and a negative output voltage, VGL, down to
-18 V for the LCD gate drive. The device has internal current limiting for high reliability under fault conditions.
Additionally, the device offers a fixed output linear regulator for the LCD logic circuitry.
Figure 1. Typical Application
Figure 2. Core Converter Efficiency
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65124RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65124RGT TI-TPS65124RGT Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65124RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com