Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73725DCQRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73725DCQRG4
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73725DCQRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73725DCQRG4 Datasheet HTML 5Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 6Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 7Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 8Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 9Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 10Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 11Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 12Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
60
50
40
30
20
10
0
C
( F)
m
OUT
0.1
1
10
V
OUT = 5.0V
V
OUT = 3.3V
VOUT = 1.5V
C
NR = 0.01 F
m
10Hz < Frequency < 100kHz
140
120
100
80
60
40
20
0
C
NR (F)
1p
10p
100p
1n
10n
V
OUT = 5.0V
V
OUT = 3.3V
VOUT = 1.5V
C
OUT = 0 F
m
10Hz < Frequency < 100kHz
1
0.1
0.01
10
100
1k
10k
100k
Frequency(Hz)
C
=1 F
m
OUT
C
=10 F
m
OUT
I
=150mA
OUT
60
55
50
45
40
35
30
25
20
C
(F)
FB
10p
100p
1n
10n
V
=2.5V
OUT
C
=0mF
OUT
R =39.2kW
1
10Hz<Frequency<100kHz
10k
10
90
80
70
60
50
40
30
20
10
0
100
1k
100k
1M
10M
Frequency(Hz)
I
=1mA
OUT
C
=1mF
OUT
I
=1mA
OUT
C
=Any
OUT
I
=1mA
OUT
C
=10mF
OUT
I
=100mA
OUT
C
=Any
OUT
I
=100mA
OUT
C
=10mF
OUT
I =100mA
O
C =1mF
O
40
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
V
-
(V)
IN
OUT
Frequency=10kHz
C
=10 F
V
=2.5V
I
=100mA
m
OUT
OUT
OUT
TPS737xx
www.ti.com
SBVS067O – JANUARY 2006 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = +25°C, VIN = VOUT(nom) + 1.0V, IOUT = 10mA, VEN = 2.2V, and COUT = 2.2μF, unless otherwise
noted.
PSRR (RIPPLE REJECTION) vs FREQUENCY
PSRR (RIPPLE REJECTION) vs VIN – VOUT
Figure 15.
Figure 16.
TPS73701
NOISE SPECTRAL DENSITY
RMS NOISE VOLTAGE vs CFB
Figure 17.
Figure 18.
RMS NOISE VOLTAGE vs COUT
RMS NOISE VOLTAGE vs CNR
Figure 19.
Figure 20.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS73725DCQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73725DCQRG4 TI-TPS73725DCQRG4 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73725DCQRG4 TI-TPS73725DCQRG4 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73725DCQRG4 TI1-TPS73725DCQRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
More results

Similar Description - TPS73725DCQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com