Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76918DBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76918DBVRG4
Description  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76918DBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS76918DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS76918DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS76918DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS76918DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS76918DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS76918DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS76918DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS76918DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS76918DBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS76901, TPS76912, TPS76915, TPS76918, TPS76925
TPS76927, TPS76928, TPS76930, TPS76933, TPS76950
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS203E – JUNE 1999 – REVISED MAY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
100
1 M
10
1 k
f – Frequency – Hz
10 k
OUTPUT IMPEDANCE
vs
FREQUENCY
0
1.6
1
2
0.2
1.4
0.4
1.8
0.6
1.2
0.8
100 k
VI = 4.3 V
CO = 4.7 µF
ESR = 0.3
TA = 25° C
IO = 100 mA
IO = 1 mA
Figure 10
TA – Free-Air Temperature – °C
1
1000
10
100
VI = 3.2 V
CO = 4.7 µF
TPS76933
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–40
0
–20
20
140
–60
40
80
100 120
60
IO = 10 mA
IO = 100 mA
Figure 11
10 M
1 M
100 k
10 k
1 k
100
f – Frequency – Hz
RIPPLE REJECTION
vs
FREQUENCY
100
60
50
40
30
20
10
0
– 10
10
TPS76933
VI = 4.3 V
CO = 4.7 µF
ESR = 0.3
70
80
90
IO = 100 mA
IO = 1 mA
Figure 12
LDO STARTUP TIME
t – Time –
µs
060
40
20
80
100
140
120
160
180 200
VO
EN


Similar Part No. - TPS76918DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76918DBVRG4 TI1-TPS76918DBVRG4 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76918DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com