Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G32GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC1G32GW
Description  2-input OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G32GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G32GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G32GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G32GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G32GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G32GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G32GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G32GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G32GW Datasheet HTML 9Page - NXP Semiconductors 74AHC1G32GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74AHC_AHCT1G32_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 14 May 2009
6 of 12
NXP Semiconductors
74AHC1G32; 74AHCT1G32
2-input OR gate
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
12. Waveforms
For type 74AHCT1G32
tpd
propagation
delay
A and B to Y;
see Figure 5;
VCC = 4.5 V to 5.5 V
[1]
[3]
CL = 15 pF
-
3.3
6.9
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
4.8
7.9
1.0
9.0
1.0
10
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[4] -17
-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
GND = 0 V; tr = tf = ≤ 3.0 ns. For waveform see Figure 5. For test circuit see Figure 6.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Measurement points are given in Table 9.
Fig 5.
The input (A and B) to output (Y) propagation delays
mna167
A, B input
Y output
tPHL
tPLH
VM
VM
Table 9.
Measurement points
Type number
Input
Output
VI
VM
VM
74AHC1G32
GND to VCC
0.5
× VCC
0.5
× VCC
74AHCT1G32
GND to 3.0 V
1.5 V
0.5
× V
CC


Similar Part No. - 74AHC1G32GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32GW PHILIPS-74AHC1G32GW Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32GW PHILIPS-74AHC1G32GW Datasheet
74Kb / 16P
   2-input OR gate
2002 Jun 05
74AHC1G32GW NXP-74AHC1G32GW Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Nexperia B.V. All right...
74AHC1G32GW NEXPERIA-74AHC1G32GW Datasheet
215Kb / 11P
   2-input OR gate
Rev. 10 - 11 January 2022
74AHC1G32GW-Q100 NEXPERIA-74AHC1G32GW-Q100 Datasheet
686Kb / 13P
   2-input OR gate
More results

Similar Description - 74AHC1G32GW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com