Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109P0412M901 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 109P0412M901
Description  San Ace 40
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

109P0412M901 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  109P0412M901 Datasheet HTML 1Page - Sanyo Semicon Device 109P0412M901 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
φ1.6
3.5 0.3
4
+1
 0
φ29.5
φ1.
6
φ
18
.3
109P0405M901
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.05
0.10
0.15
0.20
01
2
3
4
5
6
7
4.5V
5.5V
5V
0
10
0.05
0.10
20
30
40
50
0.15
0.20
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.05
0.10
0.15
0.20
01
2
3
4
5
6
7
30
0
0.05
10
20
60
40
50
0.10
0.15
0.20
4.5V
5.5V
5V
109P0405H901
109P0412H901
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.05
0.10
0.15
0.20
0.25
0
1
2
3
45
67
0
0.05
10
0.10
0.15
0.20
12V
7V
13.8V
40
30
20
50
60
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.05
0.10
0.15
0.20
01
2
3
4
5
6
7
0
10
40
20
30
50
0.10
0.05
0.15
0.20
7V
12V
13.8V
109P0412M901
M speed
H speed
H speed
M speed
OptionsUnit : mm
Finger guards
Model:109-059
Surfacetreatment:Nickel-chromeplating(silver)
Color
Inlet side, Outlet side
Air Flow and Static Pressure Characteristics
Air Flow
Air Flow
Air Flow
Air Flow


Similar Part No. - 109P0412M901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
109P0412M901 ETC2-109P0412M901 Datasheet
96Kb / 2P
   DC Fan San Ace 40
More results

Similar Description - 109P0412M901

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
logo
List of Unclassifed Man...
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9GA0405P6H001 SANYODENKI-9GA0405P6H001 Datasheet
239Kb / 4P
   San Ace 40 9GA type
109P0405J601 SANYODENKI-109P0405J601 Datasheet
323Kb / 3P
   San Ace 40 9P type
9GV0412K301 SANYODENKI-9GV0412K301 Datasheet
139Kb / 2P
   San Ace 40 9GV type
109P0405H3013 SANYODENKI-109P0405H3013 Datasheet
239Kb / 3P
   San Ace 40 9P type
109P0405H701 SANYODENKI-109P0405H701 Datasheet
170Kb / 3P
   San Ace 40 9P type
logo
List of Unclassifed Man...
9GA0412P7G001 ETC2-9GA0412P7G001 Datasheet
111Kb / 2P
   DC Fan San Ace 40
109P0405H901 ETC2-109P0405H901_14 Datasheet
96Kb / 2P
   DC Fan San Ace 40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com