Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109P0612M702 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 109P0612M702
Description  Silent (R type), high rotating speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

109P0612M702 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  109P0612M702 Datasheet HTML 1Page - Sanyo Semicon Device 109P0612M702 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Home Page:http//www.sanyodenki.co.jp
1-15-1, Kita-otsuka, Toshima-ku,Tokyo 170-8451, Japan. PHONE : +81 3 3917 5151
Dimensions (unit : mm)
Reference dimensional diagram for installation holes (unit : mm)
60mm
15
+1
0
(4)
(4)
60
+1
0
50±0.3
20
(3)
(5)
-1
0
60
+1
0
50±0.3
25±0.5
(3)
(3)
60
+1
0
50±0.3
Lead
AWG24
Lead
AWG24
Lead
AWG24
4-φ4.3±0.3
Installation hole
4-φ4.3±0.3
Installation hole
(8-φ4.3±0.3)
Installation hole
4-φ4.3±0.3
(10)
+50
300 0
(10)
(10)
+50
300 0
+50
300 0
29.7
50±0.3
4-φ4.5
59
φ
63
50±0.3
4-φ4.5
58
15mm thick20mm thick
20mm thick
25mm thick
25mm thick
15mm thick
Discharge sides・Suction sides
25mm thick
Specifications
Model No
Rated voltage Operating voltage range Rated current
Rated input
Rated rotating speed
Air flow
Static pressure
Noise
Mass
(V)
(V)
(A)
(W)
(min
-1)(m3/min)
(CFM)
(Pa)
(dB[A])
(g)
109R0605H402(4021)
0.34
1.70
3,800
0.58
20.5
40.2
28
109R0605F402(4021)
5
4.5∼5.5
0.20
1.00
3,200
0.44
15.5
29.4
24
109R0605M402(4021)
0.13
0.65
2,600
0.36
12.7
19.6
20
109R0612J402(4021)
10.8∼13.2
0.47
5.64
7,600
1.05
37.1
155.0
44
109R0612G402(4021)
0.24
2.88
5,600
0.74
26.1
88.0
39
109R0612D402(4021)
10.2∼13.8
0.21
2.52
5,150
0.72
25.4
73.5
37
109R0612S402(4021)
12
0.17
2.04
4,600
0.65
23.0
56.8
33
109R0612H402(4021)
6∼13.8
0.11
1.32
3,800
0.53
18.7
40.2
28
109R0612F402(4021)
0.09
1.08
3,200
0.44
15.5
29.4
24
90
109R0612M402(4021)
7∼13.8
0.06
0.72
2,600
0.36
12.7
19.6
20
109R0624G402(4021)
20.4∼27.6
0.13
3.12
5,600
0.74
26.1
88.0
39
109R0624D402(4021)
0.12
2.88
5,150
0.72
25.4
73.5
37
109R0624S402(4021)
24
12∼27.6
0.08
1.92
4,600
0.65
23.0
56.8
33
109R0624H402(4021)
0.06
1.44
3,800
0.53
18.7
40.2
28
109R0624F402(4021)
0.05
1.20
3,200
0.44
15.5
29.4
24
109R0624M402(4021)
14∼27.6
0.04
0.96
2,600
0.36
12.7
19.6
20
109R0648G402(4021)
48
43∼53
0.07
3.36
5,600
0.74
26.1
88.0
39
109R0648H402(4021)
40∼53
0.04
1.92
3,800
0.53
18.7
40.2
28
The numbers in ( ) represent ribless models.
Typical air flow and static pressure characteristics
0.2
0.1
0.3 0.4 0.5 0.6 0.7
10
30
20
0
40
0.5 0.6
0.1 0.2 0.3 0.4
→ Air flow(m
3/min)
→ Air flow(m
3/min)
→ Air flow(m
3/min)
10
30
20
0
40
50
60
13.8V/27.6V
12V/24V
6V/12V
6V/12V
12V/24V
13.8V/27.6V
53V
48V
40V
10
20
0
30
40
50
60
0.2
0.1
0.3 0.4 0.5 0.6 0.7
→ Air flow(m
3/min)
13.8V/27.6V
12V/24V
6V/12V
0
10
20
30
40
50
60
70
80
0.2
0.4
0.6
0.8
→ Air flow(m
3/min)
10
30
20
0
0.5
0.1 0.2 0.3 0.4
5.5V
5V
4.5V
→ Air flow(m
3/min)
→ Air flow(m
3/min)
→ Air flow(m
3/min)
→ Air flow(m
3/min)
→ Air flow(m
3/min)
10
30
20
0
0.5
0.1 0.2 0.3 0.4
13.8V/27.6V
12V/24V
7V/14V
0.2
0.1
0
0.5
0.4
0.3
0.6
10
20
40
30
5V
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
5V
10
20
30
40
50
60
0
10
20
30
40
50
60
70
80
90
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
0
20
40
120
160
0.20.40.60.81.01.21.41.61.8
60
80
100
140
180
12 V
12V/24V/48V
H speed
F speed
M speed
M speed
H speed
S speed
F speed
H speed
D speed
G speed
J speed
D speed
109R0612H402
109R0624H402
109R0612F402
109R0624F402
109R0612M402
109R0624M402
109R0605M402
109R0648H402
109R0612S402
109R0624S402
109R0605F402
109R0605H402
109R0612D402
109R0612G402
109R0624G402
109R0648G402
109R0612J402
109R0624D402
0
20
40
60
80
100
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
13.8 V
12 V
10.2 V
0
20
40
60
80
100
0.10.20.30.40.50.60.70.8
27.6 V
24 V
20.4 V
12 V
Rev.C


Similar Part No. - 109P0612M702

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
109P0612M701 ETC-109P0612M701 Datasheet
135Kb / 2P
   DC Fan San Ace 60
More results

Similar Description - 109P0612M702

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATA6564 MICROCHIP-ATA6564 Datasheet
1Mb / 28P
   High-Speed CAN Transceiver with Silent Mode - CAN FD Ready
09/14/21
logo
Shenzhenshi YONGFUKANG ...
D3703F YONGFUKANG-D3703F Datasheet
418Kb / 5P
   Silent detection circuit
logo
Advanced Micro Devices
AM9150 AMD-AM9150 Datasheet
698Kb / 9P
   1024x4 High-Speed Static R/W RAM
logo
BOWIN ELECTRONIC CO.
LSI6015N BOWIN-LSI6015N Datasheet
93Kb / 9P
   Rotating Clock
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
   Counter Rotating Fan San Ace 60 9CR type
9CRE0612P0G001 SANYODENKI-9CRE0612P0G001 Datasheet
160Kb / 2P
   Counter Rotating Fan San Ace 60 9CRE type
9CRB0812P8G001 SANYODENKI-9CRB0812P8G001 Datasheet
220Kb / 2P
   Counter Rotating Fan San Ace 80 9CRB type
logo
Sharp Corporation
PD413PI SHARP-PD413PI Datasheet
43Kb / 3P
   High Speed Type Photodiode
logo
SANYO DENKI CO., LTD.
9CR5748P9G001 SANYODENKI-9CR5748P9G001 Datasheet
167Kb / 3P
   Counter Rotating Fan San Ace 172 9CR type
9CR1212P0G03 SANYODENKI-9CR1212P0G03 Datasheet
207Kb / 2P
   Counter Rotating Fan San Ace 120 9CR type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com