Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109P0424J3013 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 109P0424J3013
Description  San Ace 40
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

109P0424J3013 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  109P0424J3013 Datasheet HTML 1Page - Sanyo Semicon Device 109P0424J3013 Datasheet HTML 2Page - Sanyo Semicon Device 109P0424J3013 Datasheet HTML 3Page - Sanyo Semicon Device 109P0424J3013 Datasheet HTML 4Page - Sanyo Semicon Device 109P0424J3013 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(Pa)
(inch H2O)
(CFM)
→ 風量
0
1.0
0.8
0.6
0.4
0.2
0
5
10
15
20
0
0.1
0.2
0.3
0.4
0.5
250
200
150
100
50
(m3/min)
13.2V
12V
7V
109P0412G3013
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
1.0
0.8
0.6
0.4
0.2
0
5
10
15
20
0
0.2
0.3
0.4
0.5
250
200
150
100
50
26.4V
24V
12V
0.1
109P0424G3013
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0.8
0.6
0.4
0.2
0
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
200
150
100
50
13.8V
12V
7V
109P0412B3013
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.6
0.4
0.2
0
5
10
15
0
0.1
0.2
0.3
0.4
150
100
50
12V
27.6V
24V
(Pa)
109P0424H3013
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.15
0.05
0.20
0.10
0.25
0.30
0.35
0
2468
10
0
0.1
0.2
0.3
90
80
70
60
50
40
30
20
10
5.5V
5V
4.5V
109P0405F3013
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.15
0.05
0.20
0.10
0.25
0.30
0.35
0
2468
10
0
0.1
0.2
0.3
90
80
70
60
50
40
30
20
10
7V/14V
12V/24V
13.8V/27.6V
109P0412F3013
109P0424F3013
G speed
G speed
B speed
H speed
F speed
F speed
Air Flow
Air Flow
Air Flow
Air Flow
Air Flow
Air Flow


Similar Part No. - 109P0424J3013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0424B302 SANYO-109P0424B302 Datasheet
87Kb / 3P
   DC Axial Fans
109P0424B602 SANYO-109P0424B602 Datasheet
87Kb / 3P
   DC Axial Fans
109P0424D601 SANYO-109P0424D601 Datasheet
125Kb / 2P
   San Ace 40
109P0424F302 SANYO-109P0424F302 Datasheet
87Kb / 3P
   DC Axial Fans
109P0424F601 SANYO-109P0424F601 Datasheet
125Kb / 2P
   San Ace 40
More results

Similar Description - 109P0424J3013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
List of Unclassifed Man...
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9GA0405P6H001 SANYODENKI-9GA0405P6H001 Datasheet
239Kb / 4P
   San Ace 40 9GA type
109P0405J601 SANYODENKI-109P0405J601 Datasheet
323Kb / 3P
   San Ace 40 9P type
9GV0412K301 SANYODENKI-9GV0412K301 Datasheet
139Kb / 2P
   San Ace 40 9GV type
109P0405H3013 SANYODENKI-109P0405H3013 Datasheet
239Kb / 3P
   San Ace 40 9P type
109P0405H701 SANYODENKI-109P0405H701 Datasheet
170Kb / 3P
   San Ace 40 9P type
logo
List of Unclassifed Man...
9GA0412P7G001 ETC2-9GA0412P7G001 Datasheet
111Kb / 2P
   DC Fan San Ace 40
109P0405H901 ETC2-109P0405H901_14 Datasheet
96Kb / 2P
   DC Fan San Ace 40
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com