Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDT-21-S1 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDT-21-S1
Description  Wall Mount Ultrasonic FlowMeter For Clean Liquids
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT-21-S1 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDT-21-S1 Datasheet HTML 1Page - Fairchild Semiconductor FDT-21-S1 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-1
E
Wall Mount ultrasonic FloWMeter
For clean liquids
FDT-21W
U
Accuracy 1%
U
Repeatability 0.2%
U
Positive, Negative and
Net Totalizer
U
4-Line LCD Display
U
Clamp On Transducers
U
RS232 Output
FDT-21W ultrasonic flowmeter is
designed to measure the fluid
velocity of liquid in a full/closed
pipe. It is a measurement system
which is both easy to install and
use. The FDT-21W operates
according to the difference in the
transit time of flight measured, and
determines the flow velocity by
measuring the travel time of a pulse
from one transducer to the next.
Flow in the same direction takes
less time to travel to the second
transducer than does flow in the
opposite direction. Electroacoustic
transducers receive and emit brief
ultrasonic pulses through the liquid
of the pipe. Transducers are
vertically placed at both sides of the
measured pipe. Sensors are placed
on the pipe and fastened by means
of a clamp. The display will quickly
show the flow velocity. The FDT-21W
can be used for metallic, plastic and
rubber tubes.
SPECiFiCATiONS
Accuracy: ±1% of reading >(0.2 m/s)
0.6 ft/s
Repeatability: 0.2%
Linearity: 0.5%
Response Time: 0 to 999 seconds
(user configured)
Velocity: (±0.01 to 30 m/s) ±0.03 to
105 ft/s bi-directional
Temperature Range:
Standard: 0 to 70ºC (32 to 158ºF)
With High Temp Transducers:
0 to 160ºC (32 to 320ºF)
Pipe Size: DN 20 to 100 mm (0.75 to
4") standard [up to DN 6000 mm (236")
with optional transducers]
Transducer Frequency: 1 MHz
Rate Units (User Configured):
Meter, feet, cubic meter, cubic feet,
USA gallon, oil barrel, USA liquid barrel,
imperial liquid barrel, million
USA gallons
Totalizer: 7-digit totals for positive,
negative and net flow
Liquid Types: Most liquids including
clean water, sea water, waste water,
chemical liquids, oil, crude oil, alcohol,
beer, and more
Suspension Concentration:
≤20,000 ppm (may contain very small
amounts of air bubbles)
Pipe Material: All metals, most plastics
and fiberglass
Security: Programmable lock-out code
Display: 4 x 16 english letters
Power: 85 to 264 Vac
Communications: RS232C (baud rate
from 75 to 115,200 bps)
Transducer Cable Length: 5 m (15')
Data Logger: Built-in, stores over
2000 lines of data
Totalizer/Calibration:
7-digit press-to-go for calibration
Housing: ABS plastic with aluminum
alloy protective carrying case
Case: NEMA 4 (IP65)
Dimensions: 100 H x 66 W x 20 mm D
(3.9 x 2.6 x 0.8")
Weight: 514 g (1.2 lb)
E
FDT-21W shown smaller than actual size.
FDT-21W inside view.


Similar Part No. - FDT-21-S1

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
FDT-500A MERRIMAC-FDT-500A Datasheet
237Kb / 2P
   FREQUENCY DOUBLERS
More results

Similar Description - FDT-21-S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FHG-1000 ETC2-FHG-1000 Datasheet
383Kb / 2P
   SCREW GEAR FLOWMETER For High Viscosity Liquids
logo
Fuji Electric
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
   ULTRASONIC FLOWMETER
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDS6-141D FUJI-EDS6-141D Datasheet
1,019Kb / 12P
   ULTRASONIC FLOWMETER(2-Path System type)
EDSX6-71L FUJI-EDSX6-71L Datasheet
276Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
   PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
logo
Endress+Hauser Group Se...
TI01266F EH-TI01266F Datasheet
1Mb / 44P
   Level measurement for liquids
2020-08-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com