Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M61L Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M61L
Description  Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M61L Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M61L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Ordering Information
The ACPL-064L and ACPL-M61L are UL Recognized with an isolation voltage of 3750 Vrms for 1 minute per UL1577.
The ACPL-W61L and ACPL-K64L are UL Recognized with an isolation voltage of 5000 Vrms for 1 minute per UL1577. All
devices are RoHS compliant.
Part number
Option
RoHS Compliant
Package
Surface
Mount
Tape
& Reel
UL1577 5000
Vrms /1 Minute
rating
IEC/EN/DIN EN
60747-5-5
Quantity
ACPL-M61L
-000E
SO-5
X
100 per tube
-060E
X
X
100 per tube
-500E
X
X
1500 per reel
-560E
X
X
X
1500 per reel
ACPL-064L
-000E
SO-8
X
100 per tube
-060E
X
X
100 per tube
-500E
X
X
1500 per reel
-560E
X
X
X
1500 per reel
ACPL-W61L
-000E
Stretched
S06
X
X
100 per tube
-060E
X
X
X
100 per tube
-500E
X
X
X
1000 per reel
-560E
X
X
X
X
1000 per reel
ACPL-K64L
-000E
Stretched
S08
X
X
80 per tube
-060E
X
X
X
80 per tube
-500E
X
X
X
1000 per reel
-560E
X
X
X
X
1000 per reel
To form an ordering part number, choose a part number from the part number column and combine it with the desired
option from the option column.
Example 1:
The part number ACPL-M61L-560E describes an optocoupler with a surface mount SO-5 package; delivered in Tape and
Reel with 1500 parts per reel; with IEC/EN/DIN EN 60747-5-5 Safety Approval; and full RoHS compliance.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.


Similar Part No. - ACPL-M61L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L AVAGO-ACPL-M61L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-M61L BOARDCOM-ACPL-M61L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-000E AVAGO-ACPL-M61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-060E AVAGO-ACPL-M61L-060E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-M61L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-000E AVAGO-ACPL-M61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
6N139 AVAGO-6N139 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com