Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W61L Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W61L
Description  Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W61L Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W61L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
0
0.2
0.4
0.6
0.8
1
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - °C
3.3v
5v
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
0
40
80
120
TA - TEMPERATURE - °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
0
40
80
120
TA - TEMPERATURE - °C
3.3V
5V
3.3V
5V
0.01
0.1
1
10
1.1
1.2
1.3
1.4
1.5
VF - FORWARD VOLTAGE - V
IF
VF
TA= 25°C
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
-40
-20
0
20
40
60
80
100
TA - TEMPERATURE - °C
-10
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
IF - PULSE INPUT CURRENT -mA
TPHL_3.3V
TPLH_3.3V
PWD_3.3V
-10
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
IF - PULSE INPUT CURRENT - mA
TPHL_5.0V
TPLH_5.0V
PWD_5.0V
Figure 1. Typical input diode forward current characteristic
Figure 3. Typical input threshold current versus temperature
Figure 5. Typical logic high output supply current (per channel) versus
temperature
Figure 4. Typical logic low output supply current (per channel) versus
temperature
Figure 2. Typical VF versus temperature
Figure 6. Typical switching speed versus pulse input with a 5 V supply
voltage
Figure 7. Typical switching speed versus pulse input current with a 3.3 V
supply voltage


Similar Part No. - ACPL-W61L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W61L AVAGO-ACPL-W61L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-W61L BOARDCOM-ACPL-W61L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W61L-000E AVAGO-ACPL-W61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-W61L-060E AVAGO-ACPL-W61L-060E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-W61L-500E AVAGO-ACPL-W61L-500E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-W61L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-000E AVAGO-ACPL-M61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
6N139 AVAGO-6N139 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com