Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-4800 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-4800
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-4800 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-4800 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 5. Test Circuit for tPLH,tPHL,tr,tf
7
1
4
5
6
8
5 V
619
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf =5 ns
f = 100 kHz
10 % DUTY
CYCLE
VO = 5 V
ZO = 50Ω
C2 =
15 pF
OUTPUT VO
MONITORING
NODE
VCC
R1
D1
D2
5 k
D3
D4
2
3
C1 =
120 pF
* 0.1
µF BYPASS
*
Figure 1. Typical Logic Low Output Voltage vs. Temputer
Figure 2. Typical Logic High Output Current vs. Temputer
Figure 3. Typical Output Voltage vs. Forward Input Current
Figure 4. Typical Input Diode Forward Characteristic
0.1
0.11
0.12
0.13
0.14
0.15
-50
0
50
100
150
TA - TEMPERATURE - ˚C
VCC = 4.5/20V
VF = 0V
IO = 6.4mA
VCC = 4.5V
VCC = 20V
-25
-20
-15
-10
-5
0
-50
0
50
100
150
TA - TEMPERATURE - ˚C
VCC = 4.5V
IF = 6mA
VO = 2.4V
VO = 2.7V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
IF - INPUT CURRENT - mA
IO = -2.6mA
TA = 25C
VCC = 4.5V
IO = 6.4mA
1.1
0.001
VF - FORWARD VOLTAGE - V
1.0
1000
1.3
0.01
1.5
1.2
1.4
0.1
TA = 25 ˚C
10
100
IF
+
-
VF
THE PROBE AND JIG CAPACITANCES
ARE INCLUDED IN C1 AND C2.
R 1
IF(ON)
1.10 k
3 mA
681
5 mA
ALL DIODES ARE 1N916 OR 1N3064.
IF (ON)
50 % I F (ON)
0 mA
t PLH
tPHL
VOH
1.3 V
VOL
INPUT I F
OUTPUT VO
330
10 mA


Similar Part No. - ACPL-4800

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800-000E AVAGO-ACPL-4800-000E Datasheet
233Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-4800-060E AVAGO-ACPL-4800-060E Datasheet
233Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-4800-300E AVAGO-ACPL-4800-300E Datasheet
233Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-4800-360E AVAGO-ACPL-4800-360E Datasheet
233Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-4800-500E AVAGO-ACPL-4800-500E Datasheet
233Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
More results

Similar Description - ACPL-4800

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800-000E AVAGO-ACPL-4800-000E Datasheet
233Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
logo
Broadcom Corporation.
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
   Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
   Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com