Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K73L-000E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K73L-000E
Description  Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K73L-000E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-K73L-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L-000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Powering Sequence
VDD needs to achieve a minimum level of 3V before pow-
ering up the output connecting component.
Input Limiting Resistor
ACPL-W70L and ACPL-K73L are direct current driven (Fig-
ure 8), and thus eliminate the need for input power supply.
To limit the amount of current flowing through the LED, it
is recommended that a 530ohm resistor is connected in
series with anode of LED (i.e. Pin 1 for ACPL-W70L, Pin 1
and P4 for ACPL-K73L) at 5V input signal. At 3.3V input
signal, it is recommended to connect 250ohm resistor in
series with anode of LED. The recommended limiting re-
sistors is based on the assumption that the driver output
impedence is 50Ω (as shown in Figure 11).
Figure 11. Connection of peaking capacitor (Cpeak) in parallel of the input
limiting resistor (Rllimit) to improve speed performance
GND 2
VDD2
0.1µF
GND1
Rlimit
SHIELD
Vi
+
-
Cpeak
VO
R drv =
50
Figure 12. Improvement of tp and PWD with added 100pF peaking capacitor
in parallel of input limiting resistor.
(i) VDD2=5V, Cpeak=100pF, Rlimit=530Ω
(ii) VDD2=3.3V, Cpeak=100pF, Rlimit=250Ω
0
5
10
15
20
25
30
35
-40
t
PLH
t
|PWD|
0
5
10
15
20
25
30
35
40
t
PHL
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
With peaking cap
Without peaking cap
tPHL
tPLH
t
PLH
t
PHL
t
PLH
With peaking cap
Without peaking cap
|PWD|
PHL
0
5
10
15
20
25
30
35
-40
t
PLH
t
|PWD|
0
5
10
15
20
25
30
35
40
t
PHL
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
With peaking cap
Without peaking cap
tPHL
tPLH
t
PLH
t
PHL
t
PLH
With peaking cap
Without peaking cap
|PWD|
PHL
Speed Improvement
A peaking capacitor can be placed across the input cur-
rent limit resistor (Figure 11) to achieve enhanced speed
performance. The value of the peaking cap is dependent
to the rise and fall time of the input signal and supply volt-
ages and LED input driving current (If). Figure 12 shows
significant improvement of propagation delay and pulse
with distortion with added 100pF peak capacitor at driv-
ing current of 6mA and 5V power supply.


Similar Part No. - ACPL-K73L-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-000E AVAGO-ACPL-K73L-000E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Broadcom Corporation.
ACPL-K73L-000E BOARDCOM-ACPL-K73L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
More results

Similar Description - ACPL-K73L-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-071L AVAGO-ACPL-071L Datasheet
540Kb / 12P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-W70L-000E BOARDCOM-ACPL-W70L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M75L AVAGO-ACPL-M75L Datasheet
169Kb / 13P
   Single-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
ACPL-074L-000E AVAGO-ACPL-074L-000E Datasheet
259Kb / 1P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com