Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K73L Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K73L
Description  Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K73L Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-K73L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K73L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Note: Non-halide flux should be used.
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5 C ± 0.5 °C/SEC.
3
°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
Solder Reflow Thermal Profile
Regulatory Information
The ACPL-W70L and ACPL-K73L are approved by the fol-
lowing organizations:
UL
Recognized under UL 1577, component recognition pro-
gram, File E55361.
CSA
Approved under CSA Component Acceptance Notice #5,
File CA88324.
IEC/EN/DIN EN 60747-5-2
Approval under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884Teil 2):2003-01 (Option 060 only)
217°C
RAMP-DOWN
6°C/SEC.MAX.
RAMP-UP
3°C/SEC.MAX.
150-200°C
260+0/-5°C
t25°CtoPEAK
60to150SEC.
20-40SEC.
TIMEWITHIN5°CofACTUAL
PEAKTEMPERATURE
tp
ts
PREHEAT
60to180SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
Notes:
The time from 25 °C to peak temperature = 8 minutes max.
Tsmax = 200 °C, Tsmin = 150 °C
Non-halide ux should be used
Recommended Pb-Free IR Profile


Similar Part No. - ACPL-K73L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K73L BOARDCOM-ACPL-K73L Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-000E AVAGO-ACPL-K73L-000E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Broadcom Corporation.
ACPL-K73L-000E BOARDCOM-ACPL-K73L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
More results

Similar Description - ACPL-K73L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-071L AVAGO-ACPL-071L Datasheet
540Kb / 12P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-W70L-000E BOARDCOM-ACPL-W70L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M75L AVAGO-ACPL-M75L Datasheet
169Kb / 13P
   Single-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
ACPL-074L-000E AVAGO-ACPL-074L-000E Datasheet
259Kb / 1P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com