Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0930 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0930
Description  High Speed Digital Isolators 15 ns max. propagation delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0930 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0930 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0930 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Selection Guide
Device Number
Channel Configuration
Package
HCPL-9000
Single
8-pin DIP (300 Mil)
HCPL-0900
Single
8-pin Small Outline
HCPL-9030
Dual
8-pin DIP (300 Mil)
HCPL-0930
Dual
8-pin Small Outline
HCPL-9031
Dual, Bi-Directional
8-pin DIP (300 Mil)
HCPL-0931
Dual, Bi-Directional
8-pin Small Outline
HCPL-900J
Quad
16-pin Small Outline, Wide Body
HCPL-090J
Quad
16-pin Small Outline, Narrow Body
HCPL-901J
Quad, 2/2, Bi-Directional
16-pin Small Outline, Wide Body
HCPL-091J
Quad, 2/2, Bi-Directional
16-pin Small Outline, Narrow Body
HCPL-902J
Quad, 1/3, Bi-Directional
16-pin Small Outline, Wide Body
HCPL-092J
Quad, 1/3, Bi-Directional
16-pin Small Outline, Narrow Body
Ordering Information
HCPL-09xx and HCPL-90xx are UL Recognized with 2500 V
rms for 1 minute per UL1577.
Option
RoHS
Non RoHS
Surface
Gull
Tape &
Part number
Compliant
Compliant
Package
Mount
Wing
Reel
Quantity
-000E
No option
50 per tube
-300E
-300
X
X
50 per tube
-500E
-500
X
X
X
1000 per reel
-000E
No option
X
100 per tube
-500E
-500
X
X
1500 per reel
-000E
No option
X
50 per tube
-500E
-500
X
X
1000 per reel
-000E
No option
X
50 per tube
-500E
-500
X
X
1000 per reel
HCPL-9000
HCPL-9030
HCPL-9031
300mil
DIP-8
SO-8
Wide Body
SO-16
Narrow Body
SO-16
HCPL-0900
HCPL-0930
HCPL-0931
HCPL-900J
HCPL-901J
HCPL-902J
HCPL-090J
HCPL-091J
HCPL-092J
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-9031-500E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel in RoHS
compliant.
Example 2:
HCPL-0900 to order product of SO-8 package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.


Similar Part No. - HCPL-0930

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0930 HP-HCPL-0930 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-0930-500 AVAGO-HCPL-0930-500 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-0930-500E AVAGO-HCPL-0930-500E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

Similar Description - HCPL-0930

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   Typical propagation delay: 18 ns
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com