Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNW136 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCNW136
Description  Single Channel, High Speed Optocouplers TTL compatible
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCNW136 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCNW136 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNW136 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNW136 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCNW136 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCNW136 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCNW136 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCNW136 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCNW136 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCNW136 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Switching Specifications (AC)
Over recommended temperature (T
A = 0°C to 70°C), VCC = 5 V, IF = 16 mA unless otherwise specified.
Parameter
Sym.
Device
Min. Typ.** Max.
Units
Test Conditions
Fig.
Note
Propagation
t
PHL*
6N135
0.2
1.5
µs
T
A = 25°C
R
L = 4.1 kΩ
5, 6,
8, 9
HCPL-0500
2.0
11
HCNW135
6N136
0.2
0.8
T
A = 25°C
R
L = 1.9 kΩ
HCPL-2502
HCPL-0501
HCNW136
1.0
Propagation
t
PLH*
6N135
1.3
1.5
µs
T
A = 25°C
R
L = 4.1 kΩ
5, 6,
8, 9
HCPL-0500
2.0
11
HCNW135
6N136
0.6
0.8
T
A = 25°C
R
L = 1.9 kΩ
HCPL-2502
HCPL-0501
HCNW136
1.0
Common Mode
|CM
H|
6N135
1
kV/
µs R
L = 4.1 kΩ
I
F = 0 mA, TA = 25°C,
12
7, 8,
HCPL-0500
1
V
CM = 10 Vp-p
9
HCNW135
C
L = 15 pF
6N136
1
R
L = 1.9 kΩ
HCPL-2502
1
HCPL-0501
Common Mode
|CM
L|
6N135
1
kV/
µs R
L = 4.1 kΩ
I
F = 16 mA, TA = 25°C,
12
7, 8,
HCPL-0500
1
V
CM = 10 Vp-p
9
HCNW135
C
L = 15 pF
6N136
1
R
L = 1.9 kΩ
HCPL-2502
1
HCPL-0501
Bandwidth
BW
6N135/6
9
MHz
See Test Circuit
8, 10
10
HCPL-2502
HCPL-0500/1
HCNW135/6
11
*For JEDEC registered parts.
**All typicals at T
A = 25°C.
Delay Time to
Logic Low at
Output
Delay Time to
Logic High at
Output
Transient Im-
munity at Logic
High Level
Output
Transient Im-
munity at Logic
Low Level
Output


Similar Part No. - HCNW136

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNW136 HP-HCNW136 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW136 AVAGO-HCNW136 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
HCNW136 AVAGO-HCNW136 Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136 AVAGO-HCNW136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCNW136-020 HP-HCNW136-020 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCNW136

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com