Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-389T Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-389T
Description  Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-389T Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMP-389T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-389T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-389T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-389T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-389T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMP-389T Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMP-389T Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMP-389T Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMP-389T Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Lead-Free Reflow Profile Recommendation (IPC/JEDEC J-STD-020C)
Reflow Parameter
Lead-Free Assembly
Averageramp-uprate(LiquidusTemperature(T
S(max)toPeak)
3°C/secondmax
Preheat
TemperatureMin(T
S(min))
150°C
TemperatureMax(T
S(max))
200°C
Time(mintomax)(t
S)
60-180seconds
Ts(max)toTLRamp-upRate
3°C/secondmax
Timemaintainedabove:
Temperature(T
L)
217°C
Time(t
L)
60-150seconds
PeakTemperature(T
P)
260+0/-5°C
Timewithin5°CofactualPeaktemperature(t
P)
20-40seconds
Ramp-downRate
6°C/secondmax
Time25°CtoPeakTemperature
8minutesmax
Note1:Alltemperaturesrefertotopsideofthepackage,measuredonthepackagebodysurface
25
Time
Tp
T L
tp
tL
t 25
° C to Peak
Ramp-up
ts
Ts min
Ramp-down
Preheat
Critical Zone
T L to Tp
Ts max
Figure 26. Surface Mount Assembly Profile.
SMT Assembly
Reliable assembly of surface mount components is a
complex process that involves many material, process,
and equipment factors, including: method of heating
(e.g.,IRorvaporphasereflow,wavesoldering,etc.)cir-
cuit board material, conductor thickness and pattern,
type of solder alloy, and the thermal conductivity and
thermalmassofcomponents.Componentswithalow
mass,suchastheSOTpackage,willreachsolderreflow
temperaturesfasterthanthosewithagreatermass.
AvagoTechnologies’diodeshavebeenqualifiedtothe
time-temperatureprofileshowninFigure26.Thisprofile
isrepresentativeofanIRreflowtypeofsurfacemount
assemblyprocess.
After ramping up from room temperature, the circuit
board with components attached to it (held in place
withsolderpaste)passesthroughoneormorepreheat
zones.The preheat zones increase the temperature of
the board and components to prevent thermal shock
and begin evaporating solvents from the solder paste.
The reflow zone briefly elevates the temperature suffi-
cientlytoproduceareflowofthesolder.
Theratesofchangeoftemperaturefortheramp-upand
cool-downzonesarechosentobelowenoughtonot
causedeformationoftheboardordamagetocompo-
nentsduetothermalshock.Themaximumtemperature
inthereflowzone(T
MAX)shouldnotexceed260°C.
Theseparametersaretypicalforasurfacemountassem-
blyprocessforAvagoTechnologiesdiodes.Asageneral
guideline,thecircuitboardandcomponentsshouldbe
exposedonlytotheminimumtemperaturesandtimes
necessarytoachieveauniformreflowofsolder.


Similar Part No. - HSMP-389T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-389T HP-HSMP-389T Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389T AVAGO-HSMP-389T Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T AVAGO-HSMP-389T Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T AVAGO-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-389T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860 Datasheet
356Kb / 10P
   Surface Mount PIN Diodes Matched Diodes for Consistent Performance
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com