Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HG64 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HG64
Description  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HG64 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HG64 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
InGaN Blue and Green
Figure 5. Relative Intensity vs Wavelength
Figure 6. Forward Current vs Forward Voltage
Figure 7. Relative Intensity vs Forward Current
Figure 8. Maximum Forward Current vs Ambient Temperature
-10
-8
-6
-4
-2
0
2
4
6
8
10
020
40
6080
100
FORWARD CURRENT-mA
GREEN
BLUE
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
WAVELENGTH - nm
GREEN
BLUE
0
5
10
15
20
25
30
35
0
20
40
60
80
100
T
A - AMBIENT TEMPERATURE - °C
0
20
40
60
80
100
0
1
23
4
5
FORWARD VOLTAGE - V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
020
40
6080
100
120
DC FORWARD CURRENT - mA
GREEN
BLUE
Figure 9. Relative dominant wavelength vs Forward Current


Similar Part No. - HLMP-HG64

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG62-TX0DD AVAGO-HLMP-HG62-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG63-TX0DD AVAGO-HLMP-HG63-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HG63-TX0XX AVAGO-HLMP-HG63-TX0XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

Similar Description - HLMP-HG64

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com