Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRF15BB103RB6RC Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # PRF15BB103RB6RC
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF15BB103RB6RC Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button PRF15BB103RB6RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRF15BB103RB6RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF15BB103RB6RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF15BB103RB6RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF15BB103RB6RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF15BB103RB6RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PRF15BB103RB6RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PRF15BB103RB6RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PRF15BB103RB6RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
6
Technical Terms
Load Curve of Circuit and Voltage - Current Characteristics
of POSISTOR
r
1. Protective Threshold Current
The maximum current value is called the "Protective
Threshold Current" for Voltage vs. Current characteristics
(static).
When smaller than the protective threshold current flows
in POSISTOR
r, it reaches its stability (as shown in figure
on right) at the intersection (A) of the load curve (a) and
voltage-current characteristics of POSISTOR
r(c). And
POSISTOR
r works as a normal fixed resistor.
However, when larger than protective threshold current
flows, it stabilizes at the intersection (B) with the load
curve (b).
2. Protective Threshold Current Range
Protective threshold current varies depending on the
ambient temperature, resistance value, temperature
characteristics and shape. (see Figure on right) The
maximum value of trip current and the minimum value of
the hold current are in the range of ambient temperature
-10 to +60°C.
That is, when a current is smaller than the hold current,
POSISTOR
r works only as a fixed resistor. When larger
than the trip current flows, however, POSISTOR
r
protects the circuit from overload.
3. Operating Time
A period starting from the voltage input to the moment
current itself sharply attenuates is called "Operating
Time." Conventionally, operation time (t0) is determined
to be the period until inrush current (I0) decreases to a
level one half the original inrush current (I0/2).
E
RL
Vp
I
I =
E - Vp
RL
Load curve in normal state
(normal current)
Load curve in abnormal state
(abnormal current)
Voltage-current characteristics
of POSISTOR
r
a
b
c
c
a
b
A
B
E
Voltage (log)
Protective Threshold Current Range
1000
800
600
400
200
0
-20
0
20
40
60
Ambient Temperature (°C)
Protective Threshold Current
Hold Current
Trip Current
Operating Current
I0
I0
2
Time (sec.)
t 0
Operating Time
Basic Characteristics of POSISTOR
r


Similar Part No. - PRF15BB103RB6RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF15BB103RB6RC MURATA-PRF15BB103RB6RC Datasheet
1Mb / 104P
   POSISTOR for Circuit Protection
PRF15BB103RB6RC MURATA-PRF15BB103RB6RC Datasheet
218Kb / 3P
   PTC Thermistors
logo
Murata Manufacturing Co...
PRF15BB103RB6RC MURATA1-PRF15BB103RB6RC Datasheet
440Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF15BB103RB6RC MURATA1-PRF15BB103RB6RC Datasheet
488Kb / 3P
   Temperature Sensors
01/31/2024
PRF15BB103RB6RC MURATA1-PRF15BB103RB6RC_V01 Datasheet
440Kb / 3P
   PTC for Temperature Sensor
12/06/2022
More results

Similar Description - PRF15BB103RB6RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com