Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRF15BE103RB6RC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # PRF15BE103RB6RC
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF15BE103RB6RC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button PRF15BE103RB6RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF15BE103RB6RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PRF15BE103RB6RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRF15BE103RB6RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF15BE103RB6RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF15BE103RB6RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF15BE103RB6RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF15BE103RB6RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PRF15BE103RB6RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
qProduct ID
eDimensions
yResistance Tolerance
uIndividual Specifications
PTC Thermistors (POSISTOR
r)
for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PT
PTC Thermistors
H
K
M
N
Q
±25%
±10%
±20%
±30%
Special Tolerance
3P51
Individual Specifications
Product ID
Code
Resistance Tolerance
Code
(Part Number)
tResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω). The
first and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures. If
there is a decimal point, it is expressed by the capital letter "R." In
this case, all figures are significant digits.
R22
2R2
220
Ex.
Ex.
0.22
Ω
2.2
Ω
22
Ω
Code
Resistance
Lead Type, others
iPackaging
A
*
B
*
Packaging
Code
Ammo Pack
Bulk
wSeries
FL
FM
GL
for Overheat Sensing Lead Type
for Overheat Sensing with Lug-terminal
for Current Control (Over Current Protection ·
Inrush Current Suppression) Lead Type
Code
Series
rTemperature Characteristics
04
05
07
09
10
12
13
14
16
18
20
AR
AS
BA
BB
BC
BD
BE
BF
BG
BH
Curie Point 120°C
Curie Point 130°C
Curie Point 110°C
Curie Point 100°C
Curie Point 90°C
Curie Point 80°C
Curie Point 70°C
Curie Point 60°C
Curie Point 50°C
Curie Point 40°C
Temperature Characteristics
Code
Code
Dimensions
Nominal Body Diameter 4mm Series
Nominal Body Diameter 5mm Series
Nominal Body Diameter 7mm Series
Nominal Body Diameter 9mm Series
Nominal Body Diameter 10mm Series
Nominal Body Diameter 12mm Series
Nominal Body Diameter 13mm Series
Nominal Body Diameter 14mm Series
Nominal Body Diameter 16mm Series
Nominal Body Diameter 18mm Series
Nominal Body Diameter 20mm Series
u
3P51
r
AR
w
GL
t
220
y
M
i
A0
PT
q
e
07


Similar Part No. - PRF15BE103RB6RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF15BE103RB6RC MURATA-PRF15BE103RB6RC Datasheet
1Mb / 104P
   POSISTOR for Circuit Protection
PRF15BE103RB6RC MURATA-PRF15BE103RB6RC Datasheet
215Kb / 3P
   PTC Thermistors
logo
Murata Manufacturing Co...
PRF15BE103RB6RC MURATA1-PRF15BE103RB6RC Datasheet
442Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF15BE103RB6RC MURATA1-PRF15BE103RB6RC_V01 Datasheet
442Kb / 3P
   PTC for Temperature Sensor
12/06/2022
More results

Similar Description - PRF15BE103RB6RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com