Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-2700 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-2700
Description  Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-2700 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-2700 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-2700 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
ADNS-2700
Single Chip USB Optical Mouse Sensor
Data Sheet
Description
The ADNS-2700 is a compact, one chip USB optical mouse
sensor designed for implementation of a non-mechanical
tracking engine in computer mice.
It is based on optical navigation technology that measures
changes in position by optically acquiring sequential
surface images (frames) and mathematically determining
the direction and magnitude of movement.
The sensor is in an 8-pin optical package that is designed
to be used with the ADNS-5100-001 trim lens, LED clip
and the HLMP-EG3E-xxxxx LED.
Together, these parts
provide a complete and compact mouse sensor. There
are no moving parts and precision optical alignment is
not required, thus facilitating high volume assembly.
The output format is USB. This device meets HID Revision
1.11 specification and is compatible with USB Revision 2.0
specification.
Frame rate is varied internally to the sensor to achieve
tracking and speed performance, eliminating the need for
the use of many registers.
Default resolution is specified as 1000 counts per inch,
with rates of motion up to 30 inches per second.
A complete mouse can be built with the addition of a PC
board, switches and Z-wheel, plastic case and cable.
Features
 One chip USB mouse sensor
 USB 2.0 Low Speed Compliance
 12 bits USB motion data reporting
 Meets HID Revision 1.11
 Single 5.0 volts power supply
 High speed motion detection at 30 inches per second
(ips) and acceleration up to 8 g
 Input buttons: 3 buttons
 Z-Wheel interface for vertical scroll
 Integrated oscillator
 Integrated USB D- pull-up resistor
 Product string is set to“USB Optical Mouse”
 On-chip OTP memory for device configuration
flexibility without any external software driver:
– Programmable resolution from 500 to 1250 counts
per inch (cpi) with 250 cpi step.
– Programmable sensor orientation
– Programmable VID and PID.
Applications
 Corded optical mice
 Trackballs
 Integrated input devices
NOTE: ADNS-2700 will be referred to as "sensor", ADNS-5100-
001 as " trim lens" and HLMP-EG3E as "LED" hereafter.


Similar Part No. - ADNS-2700

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
   Single Chip USB Optical Mouse Sensor
More results

Similar Description - ADNS-2700

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
   Single Chip USB Optical Mouse Sensor
PAN3501UI PIXART-PAN3501UI Datasheet
443Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
   Single Chip USB Optical Mouse Sensor
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
   USB OPTICAL MOUSE SINGLE CHIP
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
   Single-chip USB/PS2 optical mouse
logo
Pixart Imaging Inc.
PAW3504 PIXART-PAW3504 Datasheet
758Kb / 13P
   PURE USB OPTICAL MOUSE SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com