Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST3253MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FST3253MTC
Description  Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3253MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FST3253MTC Datasheet HTML 1Page - Fairchild Semiconductor FST3253MTC Datasheet HTML 2Page - Fairchild Semiconductor FST3253MTC Datasheet HTML 3Page - Fairchild Semiconductor FST3253MTC Datasheet HTML 4Page - Fairchild Semiconductor FST3253MTC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance (Note 7)
Note 7: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz, t
W = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA = −40 °C to +85 °C
CL = 50pF, RU = RD = 500Ω
Units
Conditions
Figure No.
VCC = 4.5 – 5.5V
VCC = 4.0V
Min
Max
Min
Max
tPHL,tPLH
Prop Delay Bus to Bus (Note 6)
0.25
0.25
ns
VI = OPEN
Figure 1
Figure 2
Prop Delay, Select to Bus A
1.0
5.3
6.3
tPZH, tPZL
Output Enable Time, Select to Bus B
1.0
5.3
6.0
ns
VI = 7V for tPZL
Figure 1
Figure 2
Output Enable Time, IOE to Bus A, B
1.0
5.3
6.2
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time., Select to Bus B
1.0
5.8
6.2
ns
VI = 7V for tPLZ
Figure 1
Figure 2
Output Disable Time, IOE to Bus A, B
1.0
5.5
6.2
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC = 5.0V
CI/O
A Port
Input/Output Capacitance
13
pF
VCC, OE = 5.0V
B Port
5
pF


Similar Part No. - FST3253MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3253MTC FAIRCHILD-FST3253MTC Datasheet
138Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST3253MTC ONSEMI-FST3253MTC Datasheet
240Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
More results

Similar Description - FST3253MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FST3253 ONSEMI-FST3253 Datasheet
240Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
logo
Fairchild Semiconductor
FST3253 FAIRCHILD-FST3253 Datasheet
138Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253 Datasheet
85Kb / 8P
   Dual 4:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FSTU3253 FAIRCHILD-FSTU3253 Datasheet
212Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253_06 Datasheet
182Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
June, 2006 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
   8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com