Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1581 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC1581
Description  Micropower Voltage Mode PWM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1581 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC1581 Datasheet HTML 3Page - Texas Instruments UCC1581 Datasheet HTML 4Page - Texas Instruments UCC1581 Datasheet HTML 5Page - Texas Instruments UCC1581 Datasheet HTML 6Page - Texas Instruments UCC1581 Datasheet HTML 7Page - Texas Instruments UCC1581 Datasheet HTML 8Page - Texas Instruments UCC1581 Datasheet HTML 9Page - Texas Instruments UCC1581 Datasheet HTML 10Page - Texas Instruments UCC1581 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
UCC1581
UCC2581
UCC3581
A rather large soft start capacitor was chosen to give a
startup time of several hundred milliseconds, reducing
the input surge current while the output is coming up.
Note that for stability, the UCC3581 VREF bypass capaci-
tor needs to be at least 1
µF. The VDD supply also needs
some capacitance to hold it up between pulses at light
load and high line, where the frequency may drop to less
than 1kHz due to pulse skipping. Otherwise it may drop
low enough for the startup MOSFET to be biased on,
lowering efficiency.
If the sync input is used, it should not be left in a high im-
pedance state where noise could cause false triggering.
If unused, it should be grounded.
The transformer was designed with a standard Magnetics
RM8 ferrite core using P material, gapped for an AL of
1600mH/1000Turn
2. The primary consists of 44 turns,
while the 5V secondary has 10 turns and the bootstrap
winding 18 turns. For simplicity, all the windings can be
#28 AWG. A two section bobbin was used to provide high
primary to secondary isolation. A much smaller design,
with reduced isolation, could have been done for this low
power level.
APPLICATION INFORMATION (cont.)
3.90
3.92
3.94
3.96
3.98
4.00
4.02
4.04
4.06
4.08
4.10
-75
-50
-25
0
25
50
75
100 125
TEMPERATURE [°C]
Figure 5. Reference voltage vs. temperature.
TYPICAL CHARACTERISTIC CURVES
0
20
40
60
80
100
120
140
100
1000
10000
CT [pF]
1M/10k
470k/47k
680k/12k
220k/10k
Figure 6. Frequency vs. CT vs. RT1 and RT2.
0
200
400
600
800
1000
1200
1400
1600
0
20
40
60
80
100
FREQUENCY [kHz]
1nF LOAD
NO
LOAD
Figure 8. IDD vs. frequency RT1 = 680k, RT2 = 12k.
30
40
50
60
70
80
90
100
0
2040
6080
100
FREQUENCY [kHz]
220K/10K
680K/12K
470K/47K
1M/10K
Figure 7. Duty cycle vs. frequency vs. RT1 / RT2.


Similar Part No. - UCC1581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI-UCC1581 Datasheet
220Kb / 9P
[Old version datasheet]   Micropower Voltage Mode PWM
More results

Similar Description - UCC1581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI-UCC1581 Datasheet
220Kb / 9P
[Old version datasheet]   Micropower Voltage Mode PWM
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com