Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCD7100
Description  Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7100 Datasheet(HTML) 1 Page - Texas Instruments

  UCD7100_12 Datasheet HTML 1Page - Texas Instruments UCD7100_12 Datasheet HTML 2Page - Texas Instruments UCD7100_12 Datasheet HTML 3Page - Texas Instruments UCD7100_12 Datasheet HTML 4Page - Texas Instruments UCD7100_12 Datasheet HTML 5Page - Texas Instruments UCD7100_12 Datasheet HTML 6Page - Texas Instruments UCD7100_12 Datasheet HTML 7Page - Texas Instruments UCD7100_12 Datasheet HTML 8Page - Texas Instruments UCD7100_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
14
12
8
OUT
CS
3
4
2
5
6
3V3
AGND
IN
CLF
ILIM
UCD7100PWP
Bias
Winding
VIN
VOUT
VDD
2
Isolation
Amplifier
PWMB
INT
Digital Controller
PWMA
VDD
AN2
AN3
AN1
AGND
Communication
UCD7100
www.ti.com
SLUS651C – MARCH 2005 – REVISED MAY 2010
Digital Control Compatible Single Low-Side ±4-A MOSFET Driver with Current Sense
Check for Samples: UCD7100
1
FEATURES
DESCRIPTION
2
Adjustable Current Limit Protection
The UCD7100 is a member of the UCD7K family of
digital control compatible drivers for applications
3.3-V, 10-mA Internal Regulator
utilizing digital control techniques or applications
DSP/µC Compatible Inputs
requiring fast local peak current limit protection.
Single ±4-A TrueDrive™ High Current Driver
The UCD7100 is a low-side ±4-A high-current
10-ns Typical Rise and Fall Times with 2.2-nF
MOSFET gate driver. It allows the digital power
Loads
controllers
such
as
UCD9110
or
UCD9501
to
25-ns Input-to-Output Propagation Delay
interface
to
the
power
stage
in
single
ended
topologies. It provides a cycle-by-cycle current limit
25-ns Current Sense to Output Delay
function with programmable threshold and a digital
Programmable Current Limit Threshold
output current limit flag which can be monitored by
Digital Output Current Limit Flag
the host controller. With a fast 25-ns cycle-by-cycle
current limit protection, the driver can turn off the
4.5-V to 15-V Supply Voltage Range
power stage in the unlikely event that the digital
Rated from -40°C to 105°C
system can not respond to a failure situation in time.
Lead(Pb)-Free Packaging
For fast switching speeds, the UCD7100 output stage
uses the TrueDrive™ output architecture, which
APPLICATIONS
delivers rated current of ±4 A into the gate of a
Digitally Controlled Power Supplies
MOSFET during the Miller plateau region of the
DC/DC Converters
switching transition. It also includes a 3.3-V, 10-mA
Motor Controllers
linear regulator to provide power to the digital
controller.
Line Drivers
TYPICAL APPLICATION DIAGRAMS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TrueDrive, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD7100_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
More results

Similar Description - UCD7100_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com