Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7201 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCD7201
Description  Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD7201_13 Datasheet HTML 5Page - Texas Instruments UCD7201_13 Datasheet HTML 6Page - Texas Instruments UCD7201_13 Datasheet HTML 7Page - Texas Instruments UCD7201_13 Datasheet HTML 8Page - Texas Instruments UCD7201_13 Datasheet HTML 9Page - Texas Instruments UCD7201_13 Datasheet HTML 10Page - Texas Instruments UCD7201_13 Datasheet HTML 11Page - Texas Instruments UCD7201_13 Datasheet HTML 12Page - Texas Instruments UCD7201_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
P + 2.2 nF
122
300 kHz + 0.095 W
I +
P
V
+
0.095 W
12 V
+ 7.9 mA
UCD7201
www.ti.com
SLUS645E – FEBRUARY 2005 – REVISED NOVEMBER 2009
This power is dissipated in the resistive elements of the circuit. Thus, with no external resistor between the driver
and gate, this power is dissipated inside the driver. Half of the total power is dissipated when the capacitor is
charged, and the other half is dissipated when the capacitor is discharged.
With VDD = 12 V, CLOAD = 2.2 nF, and f = 300 kHz, the power loss can be calculated as:
(3)
With a 12-V supply, this would equate to a current of:
(4)
Operational Waveforms
Figure 24 shows the circuit performance achievable with the output driving a 10-nF load at 12-V VDD. The input
pulsewidth (not shown) is set to 200 ns to show both transitions in the output waveform. Note the linear rising
and falling edges of the switching waveforms. This is due to the constant output current characteristic of
TrueDrive™ stage as opposed to the resistive output impedance of traditional MOSFET-based gate drivers.
Thermal Information
The useful range of a driver is greatly affected by the drive power requirements of the load and the thermal
characteristics of the device package. In order for a power driver to be useful over a particular temperature range
the package must allow for the efficient removal of the heat produced while keeping the junction temperature
within rated limits. The UCD7K family of drivers is available in PowerPAD™ TSSOP and QFN/DFN packages to
cover a range of application requirements. Both have an exposed pad to enhance thermal conductivity from the
semiconductor junction.
As illustrated in Reference [2], the PowerPAD™ packages offer a leadframe die pad that is exposed at the base
of the package. This pad is soldered to the copper on the PC board (PCB) directly underneath the device
package, reducing the TJC down to 2.07°C/W. The PC board must be designed with thermal lands and thermal
vias to complete the heat removal subsystem, as summarized in Reference [3].
Note that the PowerPAD™ is not directly connected to any leads of the package. However, it is electrically and
thermally connected to the substrate which is the ground of the device. The PowerPad™ should be connected to
the quiet ground of the circuit.
Circuit Layout Recommendations
In a power driver operating at high frequency, it is critical to minimize stray inductance to minimize
overshoot/undershoots and ringing. The low output impedance of these drivers produces waveforms with high
di/dt. This tends to induce ringing in the parasitic inductances. It is advantageous to connect the driver device
close to the MOSFETs. It is recommended that the PGND and the AGND pins be connected to the PowerPad™
of the package with a thin trace. It is critical to ensure that the voltage potential between these two pins does not
exceed 0.3 V. The use of schottky diodes on the outputs to PGND and PVDD is recommended when driving gate
transformers.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCD7201


Similar Part No. - UCD7201_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
More results

Similar Description - UCD7201_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201 TI1-UCD7201_15 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7230 TI1-UCD7230_16 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230_07 Datasheet
957Kb / 33P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com