Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C06A-6M256I Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OR2C06A-6M256I
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C06A-6M256I Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OR2C06A-6M256I Datasheet HTML 6Page - List of Unclassifed Manufacturers OR2C06A-6M256I Datasheet HTML 7Page - List of Unclassifed Manufacturers OR2C06A-6M256I Datasheet HTML 8Page - List of Unclassifed Manufacturers OR2C06A-6M256I Datasheet HTML 9Page - List of Unclassifed Manufacturers OR2C06A-6M256I Datasheet HTML 10Page - List of Unclassifed Manufacturers OR2C06A-6M256I Datasheet HTML 11Page - List of Unclassifed Manufacturers OR2C06A-6M256I Datasheet HTML 12Page - List of Unclassifed Manufacturers OR2C06A-6M256I Datasheet HTML 13Page - List of Unclassifed Manufacturers OR2C06A-6M256I Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 192 page
background image
10
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Programmable Logic Cells (continued)
5-2751(F).r3
Figure 8. F5M Mode—One Six-Input Variable
Function
F5M Mode—One Six-Input Variable Function
The LUT can be used to implement any function of six-
input variables. As shown in Figure 8, five input signals
(A[4:0]) are routed into both the A[4:0] and B[4:0] ports,
and the C0 port is used for the sixth input. The output
port is F1.
Ripple Mode
The LUT can do nibble-wide ripple functions with high-
speed carry logic. Each QLUT has a dedicated carry-
out net to route the carry to/from the adjacent QLUT.
Using the internal carry circuits, fast arithmetic and
counter functions can be implemented in one PFU.
Similarly, each PFU has carry-in (CIN) and carry-out
(COUT) ports for fast-carry routing between adjacent
PFUs.
The ripple mode is generally used in operations on two
4-bit buses. Each QLUT has two operands and a ripple
(generally carry) input, and provides a result and ripple
(generally carry) output. A single bit is rippled from the
previous QLUT and is used as input into the current
QLUT. For QLUT0, the ripple input is from the PFU CIN
port. The CIN data can come from either the fast-carry
routing or the PFU input B4, or it can be tied to logic 1
or logic 0.
The resulting output and ripple output are calculated by
using generate/propagate circuitry. In ripple mode, the
two operands are input into A[3:0] and B[3:0]. The four
result bits, one per QLUT, are F[3:0] (see Figure 9).
The ripple output from QLUT3 can be routed to dedi-
cated carry-out circuitry into any of four adjacent PLCs,
or it can be placed on the O4 PFU output, or both. This
allows the PLCs to be cascaded in the ripple mode so
that nibble-wide ripple functions can be expanded eas-
ily to any length.
5-2756(F).r32
Figure 9. Ripple Mode
The ripple mode can be used in one of four submodes.
The first of these is adder/subtractor mode. In this
mode, each QLUT generates two separate outputs.
One of the two outputs selects whether the carry-in is
to be propagated to the carry-out of the current QLUT
or if the carry-out needs to be generated. The result of
this selection is placed on the carry-out signal, which is
connected to the next QLUT or the COUT signal, if it is
the last QLUT (QLUT3).
The other QLUT output creates the result bit for each
QLUT that is connected to F[3:0]. If an adder/subtractor
is needed, the control signal to select addition or sub-
traction is input on A4. The result bit is created in one-
half of the QLUT from a single bit from each input bus,
along with the ripple input bit. These inputs are also
used to create the programmable propagate.
QLUT3
QLUT2
A4
A4
A3
A2
A1
A0
A3
A2
A1
A0
QLUT1
QLUT0
B4
B4
B3
B2
B1
B0
B3
B2
B1
B0
C0
F3
F0
F1
QLUT3
B3
B3
A3
A3
F3
QLUT2
B2
B2
A2
A2
F2
QLUT1
B1
B1
A1
A1
F1
QLUT0
B0
B0
A0
A0
F0
CIN
CIN
COUT
COUT


Similar Part No. - OR2C06A-6M256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR2C06A LATTICE-OR2C06A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2C06A-6M256I

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com