Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2841 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2841
Description  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2841 Datasheet(HTML) 4 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM2841, LM2842
SNVS540H – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes
only. Unless otherwise stated the following conditions apply: VIN = 12V.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
tON(min)
Minimum ON time
See (6)
100
150
ns
tOFF(min)
Minimum OFF time
X option
110
370
ns
Y option
104
200
ns
fSW
LM2840/41/42X, VFB = 0.5V
325
550
750
kHz
LM2840/41/42X, VFB = 0V
140
Switching frequency
LM2840/41/42Y, VFB = 0.5V
0.95
1.25
1.50
MHz
LM2840/41/42Y, VFB = 0V
0.35
DMAX
Maximum duty cycle
LM2840/41/42X
88
94
%
LM2840/41/42Y
81
87
VUVP
Undervoltage lockout
On threshold
4.4
3.7
V
thresholds
Off threshold
3.5
3.25
V SHDN
Shutdown threshold
Device on
2.3
1.0
V
Device off
0.9
0.3
ISHDN
Shutdown pin input bias current VSHDN = 2.3V
(5)
0.05
1.5
µA
VSHDN = 0V
0.02
1.5
THERMAL SPECIFICATIONS
RθJA
Junction-to-Ambient Thermal
See (7)
121
°C/W
Resistance, SOT-6L Package
RθJC
Junction-to-Case Thermal
94
°C/W
Resistance, SOT-6L Package
(6)
Minimum On Time specified by design and simulation.
(7)
All numbers apply for packages soldered directly onto a 3" x 3" PC board with 2 oz. copper on 4 layers in still air in accordance to
JEDEC standards. Thermal resistance varies greatly with layout, copper thickness, number of layers in PCB, power distribution, number
of thermal vias, board size, ambient temperature, and air flow.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2841 LM2842


Similar Part No. - LM2841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2841 TI-LM2841 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
LM2841-Q1 TI-LM2841-Q1 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
logo
National Semiconductor ...
LM2841XMK-ADJL NSC-LM2841XMK-ADJL Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2841XMK-ADJL TI1-LM2841XMK-ADJL Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
More results

Similar Description - LM2841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
[Old version datasheet]   LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com