Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF4001 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # UF4001
Description  Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UF4001 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  UF4001_05 Datasheet HTML 1Page - Fairchild Semiconductor UF4001_05 Datasheet HTML 2Page - Fairchild Semiconductor UF4001_05 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
UF4001 - UF4007 Rev. C3
UF4001 - UF4007
Fast Rectifiers
• Low forward voltage drop
• High surge current capability
• High reliability
• High current capability
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Electrical Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
4001 4002 4003 4004 4005 4006 4007
VRRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current,
.375” lead length @ TA = 75°C
1.0
A
IFSM
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
30
A
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
-65 to +150
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
2.08
W
RθJA
Thermal Resistance, Junction to Ambient
60
°C/W
RθJL
Thermal Resistance, Junction to Lead
30
°C/W
Symbol
Parameter
Value
Units
4001 4002 4003 4004 4005 4006 4007
VF
Forward Voltage @ 1.0A
1.0
1.7
V
trr
Reverse Recovery Time
IF = 0.5A, IR = 1.0A, IRR = 0.25A
50
75
ns
IR
Reverse Current @ Rated VR TA = 25°C
TA = 100°C
10
50
µA
µA
CT
Total Capacitance
VR = 4.0V, f = 1.0MHz
17
pF
DO-41 (Plastic)
COLOR BAND DENOTES CATHODE


Similar Part No. - UF4001_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001_01 Datasheet
334Kb / 3P
   Fast Rectifiers
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
logo
Diotec Semiconductor
UF4001 DIOTEC-UF4001_07 Datasheet
61Kb / 2P
   Ultrafast Switching Si-Rectifiers -Ultraschnelle Si-Gleichrichter
UF4001 DIOTEC-UF4001_09 Datasheet
93Kb / 2P
   Ultrafast Switching Silicon Rectifier Diodes ??Ultraschnelle Silizium-Gleichrichterdioden
More results

Similar Description - UF4001_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A_11 Datasheet
85Kb / 3P
   Fast Rectifiers
UF4003 FAIRCHILD-UF4003 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
SeCoS Halbleitertechnol...
FR101 SECOS-FR101_15 Datasheet
166Kb / 2P
   Fast Rectifiers
logo
Fairchild Semiconductor
ES3A FAIRCHILD-ES3A Datasheet
146Kb / 4P
   Fast Rectifiers
RGF1A FAIRCHILD-RGF1A_01 Datasheet
49Kb / 3P
   Fast Rectifiers
ES2A FAIRCHILD-ES2A_01 Datasheet
51Kb / 3P
   Fast Rectifiers
UF4001 FAIRCHILD-UF4001_01 Datasheet
334Kb / 3P
   Fast Rectifiers
logo
ON Semiconductor
RGF1A ONSEMI-RGF1A Datasheet
144Kb / 5P
   Fast Rectifiers
June, 2020 ??Rev. 1
logo
New Jersey Semi-Conduct...
1N4147 NJSEMI-1N4147 Datasheet
91Kb / 1P
   Fast Rectifiers
1N5318 NJSEMI-1N5318 Datasheet
78Kb / 1P
   Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com