Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6601-IL-F Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # 71M6601-IL-F
Description  Isolated Sensor ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6601-IL-F Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button 71M6601-IL-F Datasheet HTML 5Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 6Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 7Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 8Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 9Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 10Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 11Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 12Page - Maxim Integrated Products 71M6601-IL-F Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
71M6xxx Data Sheet
9
MPU
RTC
TIMERS
IADC0
VADC8 (VA)
IADC2
VADC9 (VB)
XIN
XOUT
RX
TX
TX
RX
COM0...5
V3P3A V3P3SYS
VBAT
VBAT_RTC
IADC4
VADC10 (VC)
SEG
GNDA GNDD
SEG/DIO
DIO
ICE
C
B
A
NEUTRAL
LOAD
8888.8888
PULSES,
DIO
IR
AMR
POWER FAULT
COMPARATOR
MODUL-
ATOR
SERIAL PORTS
OSCILLATOR/
PLL
MUX and ADC
LCD DRIVER
DIO, PULSES
COMPUTE
ENGINE
FLASH
MEMORY
RAM
32 kHz
REGULATOR
Shunt Current Sensors
POWER SUPPLY
71M6543F/
71M6543H
TEMPERATURE
SENSOR
VREF
IADC6
BATTERY
PWR MODE
CONTROL
WAKE-UP
NEUTRAL
I
2C or µWire
EEPROM
9/17/2010
IADC1
IADC3
IADC5
IADC7
RTC
BATTERY
V3P3D
BATTERY
MONITOR
SPI INTERFACE
HOST
LCD DISPLAY
Pulse Transformers
3x 71M6xx3
Note: This system is referenced to Neutral
}IN*
}IA
}IB
}IC
*IN = Neutral Current
Figure 4: Current Sensors Connected to the 71M6543F/H or 71M6545/H with Three 71M6xx3
3.4
PCB Layout Considerations
To limit emissions and susceptibility to electromagnetic and magnetic fields, the signal wiring between the
shunt resistors and the 71M6xxx should be as short as possible and should consist of tightly twisted pair
cable. Similarly, the PCB traces between the 71M6xxx and the 71M654x should be routed as short as
possible and should be surrounded by grounded copper structures. The trace pairs should be routed as
close to each other as permitted by the PCB manufacturer.
The copper separation (gap) between the shunt side and the 71M654x side of the signal transformer
should be as wide as permitted by the footprint of the transformer, as shown in Figure 5.


Similar Part No. - 71M6601-IL-F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6601-IL MAXIM-71M6601-IL Datasheet
337Kb / 19P
   Isolated Sensor ICs
Rev 3; 12/12
71M6601-IL/F MAXIM-71M6601-IL/F Datasheet
349Kb / 19P
   Isolated Sensor ICs
Rev 4, 1/15
logo
Teridian Semiconductor ...
71M6601-IL/F TERIDIAN-71M6601-IL/F Datasheet
380Kb / 19P
   Isolated Sensor ICs
Rev 6/11, June 2011
logo
Maxim Integrated Produc...
71M6601-ILR/F MAXIM-71M6601-ILR/F Datasheet
349Kb / 19P
   Isolated Sensor ICs
Rev 4, 1/15
logo
Teridian Semiconductor ...
71M6601-ILR/F TERIDIAN-71M6601-ILR/F Datasheet
380Kb / 19P
   Isolated Sensor ICs
Rev 6/11, June 2011
More results

Similar Description - 71M6601-IL-F

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6103 TERIDIAN-71M6103 Datasheet
380Kb / 19P
   Isolated Sensor ICs
Rev 6/11, June 2011
logo
Maxim Integrated Produc...
71M6601-IL MAXIM-71M6601-IL Datasheet
337Kb / 19P
   Isolated Sensor ICs
Rev 3; 12/12
71M6103 MAXIM-71M6103_V01 Datasheet
349Kb / 19P
   Isolated Sensor ICs
Rev 4, 1/15
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
logo
Honeywell Accelerometer...
SM351LT HONEYWELL-ACC-SM351LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Honeywell Solid State E...
32304118 HONEYWELL-32304118 Datasheet
623Kb / 8P
   Magnetoresistive Sensor ICs
logo
Honeywell Accelerometer...
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
   MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com