Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3945ETE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3945ETE
Description  1.0625Gbps to 11.3Gbps, SFP Dual-Path Limiting Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3945ETE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3945ETE Datasheet HTML 4Page - Maxim Integrated Products MAX3945ETE Datasheet HTML 5Page - Maxim Integrated Products MAX3945ETE Datasheet HTML 6Page - Maxim Integrated Products MAX3945ETE Datasheet HTML 7Page - Maxim Integrated Products MAX3945ETE Datasheet HTML 8Page - Maxim Integrated Products MAX3945ETE Datasheet HTML 9Page - Maxim Integrated Products MAX3945ETE Datasheet HTML 10Page - Maxim Integrated Products MAX3945ETE Datasheet HTML 11Page - Maxim Integrated Products MAX3945ETE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8 ______________________________________________________________________________________
1.0625Gbps to 11.3Gbps,
SFP+ Dual-Path Limiting Amplifier
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25NC, unless otherwise noted. Registers are set to default values, unless otherwise noted, and the 3-wire interface
is static during measurements.)
DIFFERENTIAL OUTPUT SIGNAL LEVEL
vs. SET_CML DAC SETTING
SET_CML DAC SETTING
250
200
100
150
500
600
700
800
1000
900
1100
1200
400
50
300
RXDE_EN = 0
RXDE1 = 0, RXDE0 = 0
RXDE1 = 0, RXDE0 = 1
RXDE1 = 1,
RXDE0 = 0
RXDE1 = 1,
RXDE0 = 1
DEEMPHASIS VALUE
vs. SET_CML DAC SETTING
(RATE_SEL = 1)
SET_CML DAC SETTING
200
150
100
2
4
6
0
50
250
RXDE1 = 1, RXDE0 = 1
RXDE1 = 1, RXDE0 = 0
RXDE1 = 0, RXDE0 = 1
RXDE1 = 0,
RXDE0 = 0
RXDE_EN = 0
Rx INPUT-BASED LOS THRESHOLD vs. DAC
CODE (LOS1_EN = 1 AND LOS2_EN = 0)
SET_LOS[5:0] DAC CODE
60
50
10
20
30
40
20
40
60
80
100
120
140
160
0
0
70
DEASSERT
ASSERT
RSSI MONITOR-BASED LOS THRESHOLDS
(LOS1_EN = 0 AND LOS2_EN = 1)
SET_LOS[5:0] DAC CODE
60
50
30
40
20
10
20
40
60
80
100
120
140
160
180
0
0
70
DEASSERT
ASSERT
LOS MASKING TIME vs. DAC SETTING
SET_LOSTIMER[6:0] DAC CODE
120
100
80
60
40
20
1000
2000
3000
4000
5000
0
0
DETERMINISTIC JITTER vs. INPUT AMPLITUDE AT 1.25Gbps
(K28.5 PATTERN, 933MHz INPUT FILTER)
SIGNAL AMPLITUDE (mVP-P)
1000
800
600
400
200
10
15
20
25
5
0
1200
RATE_SEL = 0, BW1 = 0, BW2 = 0
DETERMINISTIC JITTER AT 10.32Gbps
(PRBS7 PATTERN WITH 100 CIDs, RATE_SEL = 1)
INPUT SIGNAL AMPLITUDE (mVP-P)
1000
800
200
400
600
1
2
3
4
5
6
7
8
9
10
0
0
1200
DETERMINISTIC JITTER vs. DATA RATE
(INPUT = 100mVP-P)
DATA RATE (Gbps)
9
6
3
5
10
15
20
25
0
0
12
K28.5 PATTERN, RATE_SEL = 1
DJ WITH 100mVP-P NOISE
ON POWER SUPPLY
DJ WITH NO NOISE ON POWER SUPPLY
POWER-SUPPLY CURRENT vs. TEMPERATURE
(SET_CML[7:0] = 91d)
TEMPERATURE (°C)
80
60
40
20
0
-20
30
40
50
60
70
80
20
-40
100
LOS2_EN = 0 AND LOS1_EN = 1
LOS2_EN = 1 AND LOS1_EN = 0


Similar Part No. - MAX3945ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3940E/D MAXIM-MAX3940E/D Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3941 MAXIM-MAX3941 Datasheet
319Kb / 11P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 7/03
More results

Similar Description - MAX3945ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946 Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
   1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
MAX3969 MAXIM-MAX3969_V01 Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
MAX3969 MAXIM-MAX3969 Datasheet
724Kb / 11P
   200Mbps SFP Limiting Amplifier
Rev 0; 4/04
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
logo
Source Photonics, Inc.
SP-GB-LX-XDFN SOURCE-SP-GB-LX-XDFN Datasheet
293Kb / 9P
   Dual data-rate 1.25Gbps/1.0625Gbps
logo
Renesas Technology Corp
F0109 RENESAS-F0109 Datasheet
1Mb / 17P
   Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
Jan 13, 2022
F0111 RENESAS-F0111 Datasheet
1Mb / 21P
   Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz
Jan 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com