Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-3360 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A22Z-3360
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3360 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A22Z-3360 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3360 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3360 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3360 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3360 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3360 Datasheet HTML 9Page - Omron Electronics LLC A22Z-3360 Datasheet HTML 10Page - Omron Electronics LLC A22Z-3360 Datasheet HTML 11Page - Omron Electronics LLC A22Z-3360 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
A22
8
Ordering Information
Subassembled....................... The Pushbutton, Lamp, or Switch can be ordered separately. Use them in combination for models that are not
available as assembled Units. These can also be used as inventory for maintenance parts.
Pushbutton
Non-lighted
Lighted
Note: Common to incandescent lamps and LED lamps.
Sealing
IP65 oil-resistant models
Appearance
Flat type
Projection type
Full-guard type
Half-guard type
Color
Model
Model
Model
Model
Red
A22-FR
A22-TR
A22-GR
A22-HR
Green
A22-FG
A22-TG
A22-GG
A22-HG
Yellow
A22-FY
A22-TY
A22-GY
A22-HY
White
A22-FW
A22-TW
A22-GW
A22-HW
Blue
A22-FA
A22-TA
A22-GA
A22-HA
Black
A22-FB
A22-TB
A22-GB
A22-HB
Sealing
IP65 oil-resistant models
Appearance
Round/Mushroom type
(30-dia. head)
Round/Mushroom type
(40-dia. head)
Square/Projection type
Square/Full-guard type
Color
Model
Model
Model
Model
Red
A22-SR
A22-MR
A22-CR
A22-DR
Green
A22-SG
A22-MG
A22-CG
A22-DG
Yellow
A22-SY
A22-MY
A22-CY
A22-DY
White
A22-SW
A22-MW
A22-CW
A22-DW
Blue
A22-SA
A22-MA
A22-CA
A22-DA
Black
A22-SB
A22-MB
A22-CB
A22-DB
Sealing
IP65
Appearance
Projection type
Full-guard type
Half-guard type
Color
Model
Model
Model
Red
A22L-TR
A22L-GR
A22L-HR
Green
A22L-TG
A22L-GG
A22L-HG
Yellow
A22L-TY
A22L-GY
A22L-HY
White
A22L-TW
A22L-GW
A22L-HW
Blue
A22L-TA
A22L-GA
A22L-HA
Sealing
IP65
Appearance
Square/Projection type
Square/Full-guard type
Color
Model
Model
Red
A22L-CR
A22L-DR
Green
A22L-CG
A22L-DG
Yellow
A22L-CY
A22L-DY
White
A22L-CW
A22L-DW
Blue
A22L-CA
A22L-DA
Ordering set combinations: Refer to pages 3 to 6.
■ Specifications and dimensions: See pages 13 to 16.
■ Accessories and tools: See pages 10 to 12.


Similar Part No. - A22Z-3360

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3360 OMRON-A22Z-3360 Datasheet
809Kb / 19P
   Specifications Common to All
A22Z-3360 OMRON-A22Z-3360 Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22Z-3360 OMRON-A22Z-3360 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
More results

Similar Description - A22Z-3360

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com