Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-95SQ015TR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-95SQ015TR
Description  Designed and qualified for commercial level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-95SQ015TR Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-95SQ015TR Datasheet HTML 1Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 2Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 3Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 4Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 5Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 6Page - Vishay Siliconix VS-95SQ015TR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
1
Document Number: 95243
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial DO-204AR
DIMENSIONS in millimeters (inches)
6.35 (0.250)
6.10 (0.240)
9.52 (0.375)
9.27 (0.365)
DIA.
6.35 (0.250)
6.10 (0.240)
9.52 (0.375)
9.27 (0.365)
DIA.
1.32 (0.052)
1.22 (0.048)
(2 places)
27.94 (1.10) MIN.
(2 places)
27.94 (1.10) MIN.
(2 places)
2.54 (0.100) MAX.
Flash (2 places)
DIA.
1.32 (0.052)
1.22 (0.048)
(2 places)
DIA.
Cathode band


Similar Part No. - VS-95SQ015TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Ultralow forward voltage drop
Revision: 09-Sep-11
VS-95SQ015TR-M3 VISHAY-VS-95SQ015TR-M3 Datasheet
140Kb / 7P
   Ultralow forward voltage drop
Revision: 09-Sep-11
More results

Similar Description - VS-95SQ015TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF Datasheet
151Kb / 7P
   Designed and qualified for industrial level
Revision: 19-Mar-15
12TQ VISHAY-12TQ Datasheet
101Kb / 6P
   Designed and qualified for industrial level
Revision: 25-Jun-08
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40 Datasheet
154Kb / 6P
   Designed and qualified for industrial level
Revision: 03-Nov-16
logo
Nell Semiconductor Co.,...
NKFD200 NELLSEMI-NKFD200 Datasheet
425Kb / 7P
   Designed and qualified for industrial level
logo
Vishay Siliconix
10ETF VISHAY-10ETF Datasheet
197Kb / 7P
   This product series has been designed and qualified for industrial level
Revision: 04-Jun-08
10ETSS VISHAY-10ETSS Datasheet
112Kb / 6P
   This product series has been designed and qualified for industrial level
Revision: 26-Aug-08
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com