Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3178QP Datasheet(PDF) 1 Page - Texas Instruments

Part # UC3178QP
Description  Full Bridge Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3178QP Datasheet(HTML) 1 Page - Texas Instruments

  UC3178QP Datasheet HTML 1Page - Texas Instruments UC3178QP Datasheet HTML 2Page - Texas Instruments UC3178QP Datasheet HTML 3Page - Texas Instruments UC3178QP Datasheet HTML 4Page - Texas Instruments UC3178QP Datasheet HTML 5Page - Texas Instruments UC3178QP Datasheet HTML 6Page - Texas Instruments UC3178QP Datasheet HTML 7Page - Texas Instruments UC3178QP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5/93
UC3178
Full Bridge Power Amplifier
Precision Current Control
±450mA Load Current
1.2V Typical Total Vsat at
450mA
Programmable Over-Current
Control
Range Control for 4:1 Gain
Change
Compensation Adjust Pin for
Range Bandwidth Control
Inhibit Input and UVLO
3V to 15V Operation
12mA Quiescent Supply
Current
The UC3178 full-bridge power amplifier, rated for continuous output current
of 0.45 Amperes, is intended for use in demanding servo applications. This
device includes a precision current sense amplifier that senses load current
with a single resistor in series with the load. The UC3178 is optimized to con-
sume a minimum of supply current, and is designed to operate in both 5V
and 12V systems. The power output stages have a low saturation voltage
and are protected with current limiting and thermal shutdown. When inhibited,
the device will draw less than 1.5mA of total supply current.
Auxiliary functions on this device include a load current sensing and rectifica-
tion function that can be configured with the device’s over-current comparator
to provide tight control on the maximum commanded load current. The closed
loop transconductance of the configured power amplifier can be switched be-
tween a high and low range with a single logic input. The 4:1 change in gain
can be used to extend the dynamic range of the servo loop. Bandwidth vari-
ations that would otherwise result with the gain change can be controlled with
a compensation adjust pin.
This device is packaged a power PLCC, "QP" package which maintains a
standard 28-pin outline, but with 7 pins along one edge directly tied to the die
substrate for improved thermal performance.
FEATURES
BLOCK DIAGRAM
DESCRIPTION
UDG-92010


Similar Part No. - UC3178QP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
More results

Similar Description - UC3178QP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com