Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTMH-12003-FD-VES Datasheet(PDF) 2 Page - Samtec, Inc

Part # FTMH-12003-FD-VES
Description  SMT MICRO TERMINAL STRIPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FTMH-12003-FD-VES Datasheet(HTML) 2 Page - Samtec, Inc

  FTMH-12003-FD-VES Datasheet HTML 1Page - Samtec, Inc FTMH-12003-FD-VES Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FTMH–120–02–L–DV
FTMH–122–02–F–DV–EC
FTMH–128–03–L–DV–EP
Flex Shroud
options available
FTMH–135–02–F–DH
FTM–125–02–L–DV
Surface
mount
Shrouded and
alignment pin
options available
Low Profile
(1,27 mm) .050"
WWW.SAMTEC.COM
ROW
OPTION
OTHER
OPTIONS
FLEX SHROUD OPTIONS
–A
= Alignment Pin
(3 positions minimum)
Metal or plastic at Samtec discretion
(FTMH–DV only)
–K
= (2,50 mm) .098" DIA Polyimide
Film Pick & Place Pad
(FTMH–DH only)
–P
= Plastic Pick & Place Pad
(–DV only)
(6 positions minimum)
–TR
= Tape & Reel
(FTM only)
–S
= End Shroud
(05 positions minimum).
Molded or press fit shroud at
Samtec’s discretion
(See assembly print at
www.samtec.com?FTM
for dimensions)
–SA
= End Shroud with Alignment Pins
(05 through 46 positions)
(FTMH-DV only with
9 pins/row minimum)
–ES
= End Shroud
–EC
= End Shroud with Locking Clip
(Manual placement required)
–EP
= End Shroud with Guide Post
(Use only when mating with CLM)
–DV
= Dual Vertical
–DH
= Dual Horizontal
(FTMH only)
–DV OPTION
–SA OPTION
–P OPTION
Shrouded options removed for clarity
No of positions
x (1,00) .03937
(3,18)
.125
(0,97)
.038
D
(1,27)
.050
(5,21)
.205
(3,23)
.127
(4,44)
.175
No. of positions x
(1,00) .03937 + C
02
01
50
49
02
01
(0,30) .012 SQ TYP
46
45
(3,56)
.140
(1,40)
.055
(1,50) .059
(1,00)
.039
DIA
(3,56)
.140
(2,54)
.100
x
(5,08)
.200
(3,18)
.125
–S OPTION
FTM
FTM
OPTION
C
–S
(7,00)
.276
–SA
(4,00)
.157
FTM
LEAD
STYLE
D
–02
(1,91)
.075
–03
(1,65)
.065


Similar Part No. - FTMH-12003-FD-VES

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FTMH-120-03-F-DV-ES-P-TR SAMTEC-FTMH-120-03-F-DV-ES-P-TR Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
More results

Similar Description - FTMH-12003-FD-VES

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FTMH-140-03-L-DV SAMTEC-FTMH-140-03-L-DV Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
FTMH-120-03-F-DV-ES-P-TR SAMTEC-FTMH-120-03-F-DV-ES-P-TR Datasheet
1Mb / 2P
   SMT MICRO TERMINAL STRIPS
FTS-104-01-F-D SAMTEC-FTS-104-01-F-D Datasheet
618Kb / 1P
   MICRO LOW PROFILE TERMINAL STRIPS
FTS-104-01-L-D SAMTEC-FTS-104-01-L-D Datasheet
770Kb / 1P
   MICRO LOW PROFILE TERMINAL STRIPS
logo
List of Unclassifed Man...
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
   TERMINAL STRIPS
15130 ETC2-15130 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Adam Technologies, Inc.
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
   BARRIER TERMINAL STRIPS
TBB-05-01-B ADAM-TECH-TBB-05-01-B Datasheet
126Kb / 1P
   BARRIER TERMINAL STRIPS
TBG-05-02-B ADAM-TECH-TBG-05-02-B Datasheet
147Kb / 1P
   BARRIER TERMINAL STRIPS
TBA0201B ADAM-TECH-TBA0201B Datasheet
104Kb / 1P
   1BARRIER TERMINAL STRIPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com