Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C32U Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM24C32U
Description  32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C32U Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM24C32U Datasheet HTML 1Page - Fairchild Semiconductor FM24C32U Datasheet HTML 2Page - Fairchild Semiconductor FM24C32U Datasheet HTML 3Page - Fairchild Semiconductor FM24C32U Datasheet HTML 4Page - Fairchild Semiconductor FM24C32U Datasheet HTML 5Page - Fairchild Semiconductor FM24C32U Datasheet HTML 6Page - Fairchild Semiconductor FM24C32U Datasheet HTML 7Page - Fairchild Semiconductor FM24C32U Datasheet HTML 8Page - Fairchild Semiconductor FM24C32U Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
FM24C32U Rev. A.1
Ordering Information
FM
24
C
XX
U
F
T
LZ
E
XXX
Letter
Description
Package
N
8-pin DIP
M8
8-pin SOIC
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
H
4.5V to 5.5V and V
CC
Lockout
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
Blank
Normal Pin Out
T
Rotated Die Pin Out
SCL Clock Frequency
Blank
100KHz
F
400KHz
Process
U
Ultralite Process
Density
32
32K with Write Protect
C
CMOS Technology
Interface
24
IIC
FM
Fairchild Non-Volatile
Memory


Similar Part No. - FM24C32U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C02 FAIRCHILD-FM24C02 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U/03U FAIRCHILD-FM24C02U/03U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results

Similar Description - FM24C32U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com