Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C256EYYX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FM24C256EYYX
Description  256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C256EYYX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM24C256EYYX Datasheet HTML 1Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 2Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 3Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 4Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 5Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 6Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 7Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 8Page - Fairchild Semiconductor FM24C256EYYX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.fairchildsemi.com
FM24C256 rev. B.3
Connection Diagram
Dual-In-Line Package (N)
and 8-Pin SO Package (M8)
Top View
See Package Number N08E and M08A
Pin Names
A0, A1, A2
Device Address Input
V
SS
Ground
SDA
Data I/O
SCL
Clock Input
WP
Write Protect
VCC
Power Supply
A0
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
FM24C256
DS800023-2


Similar Part No. - FM24C256EYYX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
FM24C256-G RAMTRON-FM24C256-G Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256-SE RAMTRON-FM24C256-SE Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
More results

Similar Description - FM24C256EYYX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com