Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM27C040 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FM27C040
Description  4,194,304-Bit 512K x 8 High Performance CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C040 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FM27C040 Datasheet HTML 3Page - Fairchild Semiconductor FM27C040 Datasheet HTML 4Page - Fairchild Semiconductor FM27C040 Datasheet HTML 5Page - Fairchild Semiconductor FM27C040 Datasheet HTML 6Page - Fairchild Semiconductor FM27C040 Datasheet HTML 7Page - Fairchild Semiconductor FM27C040 Datasheet HTML 8Page - Fairchild Semiconductor FM27C040 Datasheet HTML 9Page - Fairchild Semiconductor FM27C040 Datasheet HTML 10Page - Fairchild Semiconductor FM27C040 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
FM27C040 Rev. A
Physical Dimensions inches (millimeters) unless otherwise noted
32-Lead PDIP Package
Order Number FM27C040NXXX
1.64 – 1.66
(41.66 – 42.164)
32
1
17
16
0.062
(1.575)
RAD
Pin No. 1 IDENT
0.580
(14.73)
MIN
0.600 – 0.620
(15.240 – 15.748)
0.145 – 0.210
(3.683 – 5.334)
0.040 - 0.090
(1.016 – 2.286)
0.050
(1.270)
TYP
TYP
0.125 – 0.165
(3.175 – 4.191)
0.018
±0.003
(0.457
±0.078)
0.035 – 0.07
(0.889 – 1.778)
86
°- 94°
TYP
0.120 – 0.150
(3.048 – 3.81)
0.015
(0.381)
0.100
±0.010
(2.540
±0.254)
90
°–105°
0.008 - 0.015
(0.203 – 0.381)
0.490 – 0.550
(12.446 – 13.97)
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Fairchild Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably ex-
pected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Americas
Europe
Hong Kong
Japan Ltd.
Customer Response Center
Fax:
+44 (0) 1793-856858
8/F, Room 808, Empire Centre
4F, Natsume Bldg.
Tel. 1-888-522-5372
Deutsch
Tel:
+49 (0) 8141-6102-0
68 Mody Road, Tsimshatsui East
2-18-6, Yushima, Bunkyo-ku
English
Tel:
+44 (0) 1793-856856
Kowloon. Hong Kong
Tokyo, 113-0034 Japan
Français
Tel:
+33 (0) 1-6930-3696
Tel; +852-2722-8338
Tel: 81-3-3818-8840
Italiano
Tel:
+39 (0) 2-249111-1
Fax: +852-2722-8383
Fax: 81-3-3818-8841
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - FM27C040

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N120 FAIRCHILD-FM27C010N120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N150 FAIRCHILD-FM27C010N150 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N90 FAIRCHILD-FM27C010N90 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010NE120 FAIRCHILD-FM27C010NE120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C040

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
   4,194,304-Bit (256k x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com