Electronic Components Datasheet Search |
|
FM24C09U Datasheet(PDF) 11 Page - Fairchild Semiconductor |
|
FM24C09U Datasheet(HTML) 11 Page - Fairchild Semiconductor |
11 / 14 page 11 www.fairchildsemi.com FM24C04U/05U Rev. A.3 Write Operations BYTE WRITE For a write operation, a second address field is required which is a word address that is comprised of eight bits and provides access to any one of the 256 bytes in the selected page of memory. Upon receipt of the byte address, the FM24C04U/05U responds with an acknowledge and waits for the next eight bits of data, again, responding with an acknowledge. The master then terminates the transfer by generating a stop condition at which time the FM24C04U/ 05U begins the internal write cycle to the nonvolatile memory. While the internal write cycle is in progress, the FM24C04U/05U inputs are disabled, and the device will not respond to any requests from the master for the duration of t WR. Refer to Figure 4 for the address, acknowledge, and data transfer sequence. PAGE WRITE To minimize write cycle time, FM24C04U/05U offer Page Write feature, by which, up to a maximum of 16 contiguous byte locations can be programmed all at once (instead of 16 individual byte writes). To facilitate this feature, the memory array is orga- nized in terms of “Pages.” A Page consists of 16 contiguous byte locations starting at every 16-Byte address boundary (for ex- ample, starting at array address 0x00, 0x10, 0x20 etc.). Page Write operation limits access to byte locations within a page. In other words a single Page Write operation will not cross over to locations on another page but will “roll over” to the beginning of the page whenever end of Page is reached and additional locations are continued to be accessed. A Page Write operation can be initiated to begin at any location within a page (starting address of the Page Write operation need not be the starting address of a Page). S T O P Bus Activity: Master SDA Line Bus Activity: EEPROM DATA n + 15 DATA n + 1 DATA n WORD ADDRESS (n) A C K S T A R T SLAVE ADDRESS A C K A C K A C K A C K S T O P A C K DATA A C K A C K S T A R T WORD ADDRESS SLAVE ADDRESS Bus Activity: Master SDA Line Bus Activity: EEPROM Page Write is initiated in the same manner as the Byte Write operation; but instead of terminating the cycle after transmitting the first data byte, the master can further transmit up to 15 more bytes. After the receipt of each byte, FM24C04U/05U will respond with an acknowledge pulse, increment the internal address counter to the next address, and is ready to accept the next data. If the master should transmit more than sixteen bytes prior to generat- ing the STOP condition, the address counter will “roll over” and previously written data will be overwritten. As with the Byte Write operation, all inputs are disabled until completion of the internal write cycle. Refer to Figure 5 for the address, acknowledge, and data transfer sequence. Acknowledge Polling Once the stop condition is issued to indicate the end of the host’s write operation, the FM24C04U/05U initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If the FM24C04U/05U is still busy with the write operation no ACK will be returned. If the FM24C04U/05U has completed the write operation, an ACK will be returned and the host can then proceed with the next read or write operation. Write Protection (FM24C05U Only) Programming of the upper half (upper 2Kbit) of the memory will not take place if the WP pin of the FM24C05U is connected to VCC. The FM24C05U will respond to slave and byte addresses; but if the memory accessed is write protected by the WP pin, the FM24C05U will not generate an acknowledge after the first byte of data has been received. Thus, the program cycle will not be started when the stop condition is asserted. Byte Write (Figure 4) Page Write (Figure 5) |
Similar Part No. - FM24C09U |
|
Similar Description - FM24C09U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |