Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF512CFI-7ACXP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AF512CFI-7ACXP
Description  ATP Industrial Grade CompactFlashCard Specification
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF512CFI-7ACXP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AF512CFI-7ACXP Datasheet HTML 7Page - List of Unclassifed Manufacturers AF512CFI-7ACXP Datasheet HTML 8Page - List of Unclassifed Manufacturers AF512CFI-7ACXP Datasheet HTML 9Page - List of Unclassifed Manufacturers AF512CFI-7ACXP Datasheet HTML 10Page - List of Unclassifed Manufacturers AF512CFI-7ACXP Datasheet HTML 11Page - List of Unclassifed Manufacturers AF512CFI-7ACXP Datasheet HTML 12Page - List of Unclassifed Manufacturers AF512CFI-7ACXP Datasheet HTML 13Page - List of Unclassifed Manufacturers AF512CFI-7ACXP Datasheet HTML 14Page - List of Unclassifed Manufacturers AF512CFI-7ACXP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Revision 3.6
ATP Industrial Grade CompactFlash Card Specification
2.7 Global Wear Leveling- Longer Life Expectancy
The program / erase cycle of each sector/page/block is finite. Writing constantly on the same spot
will cause the flash to wear out quickly. Furthermore, bit errors are not proportioned to P/E cycles;
sudden death may occur when the block is close to its P/E cycle limit. Then unrecoverable bit errors
will cause fatal data loss (especially for system data or FAT).
Global wear leveling algorithm evenly distributes the P/E cycles of each block to minimize the
possibility of one block exceeding its max P/E cycles before the rest. In return, the life expectancy of
memory storage device is prolonged and the chance/occurrence of unrecoverable bit errors could be
reduced.
2.8 StaticDataRefresh Technology – Assure Data Integrity
Over time the error bits accumulate to the threshold in the flash memory cell and eventually
become uncorrectable despite using the ECC engine. In the traditional handling method, the data is
moved to a different location in the flash memory; despite the corrupted data is beyond repaired before
the transition.
To prevent data corruption, the CF card monitors the error bit levels in each read operation; when it
reaches the preset threshold value, StaticDataRefresh is achieved by erasing and re-programming the
data into the same block or into another block. After the re-programming operation is completed, the
controller reads the data and compares the data/parity to ensure data integrity.
2.9
ATP PowerProtector – Built-in Power Down Data Protection
ATP PowerProtector technology ensures a sufficient amount of reserve power during any power
abnormalities such as unstable voltages and power outages. PowerProtector’s patent pending
technology is a stand alone hardware design that does not require specific controllers or customized
firmware. This feature provides greater flexibility during the design of a smaller form factor such as
CompactFlash cards.
During a sudden power failure, the drive then draws power from PowerProtector’s solid state
capacitors for reserve power, which guarantee reliable drive operations. The solid state capacitors allow
the flash to finish processing the last command or data.
SuperCap, the traditional power protection design, is well known for its sensitivity to temperature
change and has a tendency of losing its capacitance and functionality at extreme temperatures. The
average life span of SuperCap is less than two years; the capacitance will degrade over time and
eventually fail to perform.
ATP PowerProtector surpasses the natural limitations of SuperCap designs by supporting wide
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
11
ATP Confidential & Proprietary


Similar Part No. - AF512CFI-7ACXP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF512SDI ETC1-AF512SDI Datasheet
2Mb / 81P
   ATP Industrial Grade SD Card Specification
AF512SDI-5ACXX ETC1-AF512SDI-5ACXX Datasheet
2Mb / 81P
   ATP Industrial Grade SD Card Specification
AF512UDI ETC1-AF512UDI Datasheet
2Mb / 91P
   ATP Industrial Grade microSD Card Specification
AF512UFEDBK ETC1-AF512UFEDBK Datasheet
163Kb / 6P
   ATP Industrial Grade Endura Specification
More results

Similar Description - AF512CFI-7ACXP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF512UFEDBK ETC1-AF512UFEDBK Datasheet
163Kb / 6P
   ATP Industrial Grade Endura Specification
AF2GCSI-OAAXP ETC1-AF2GCSI-OAAXP Datasheet
848Kb / 23P
   ATP Industrial Grade CFast Card Specification
AF512SDI ETC1-AF512SDI Datasheet
2Mb / 81P
   ATP Industrial Grade SD Card Specification
AF512UDI ETC1-AF512UDI Datasheet
2Mb / 91P
   ATP Industrial Grade microSD Card Specification
AF128UDI ETC1-AF128UDI Datasheet
359Kb / 14P
   ATP Industrial Grade microSD/microSDHC Card Specification
AF4GSSHI-OAAXP ETC1-AF4GSSHI-OAAXP Datasheet
405Kb / 21P
   ATP Industrial Grade mSATA Embedded Module Specification
AF2GSSEL ETC1-AF2GSSEL Datasheet
412Kb / 20P
   ATP Industrial Grade SlimSATA Embedded Module
logo
Advantech Co., Ltd.
SQR-SD1I ADVANTECH-SQR-SD1I Datasheet
488Kb / 1P
   Industrial Grade
15-Jan-2014
logo
All Sensors Corporation
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
   Industrial Temperature Grade
0.3PSI-G-4VPRIME-ND ASC-0.3PSI-G-4VPRIME-ND Datasheet
256Kb / 6P
   industrial Temperature Grade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com