Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM27C512NE120 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM27C512NE120
Description  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C512NE120 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM27C512NE120 Datasheet HTML 1Page - Fairchild Semiconductor FM27C512NE120 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512NE120 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512NE120 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512NE120 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512NE120 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512NE120 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512NE120 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512NE120 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
www.fairchildsemi.com
FM27C512
Absolute Maximum Ratings (Note 1)
Storage Temperature
-65
°C to +150°C
All Input Voltages Except A9 with
Respect to Ground
-0.6V to +7V
V
PP and A9 with Respect to Ground
-0.7V to +14V
VCC Supply Voltage with
Respect to Ground
-0.6V to +7V
ESD Protection
(MIL Std. 883, Method 3015.2)
>2000V
All Output Voltages with
Respect to Ground
VCC + 1.0V to GND -0.6V
Operating Range
Range
Temperature
V
CC
Tolerance
Commercial
0
°C to +70°C
+5V
±10%
Industrial
-40
°C to +85°C
+5V
±10%
Read Operation
DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Max
Units
V
IL
Input Low Level
-0.5
0.8
V
V
IH
Input High Level
2.0
V
CC +1
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -2.5 mA
3.5
V
I
SB1
V
CC Standby Current (CMOS)
CE = V
CC ±0.3V
100
µA
I
SB2
V
CC Standby Current
CE = V
IH
1mA
I
CC1
V
CC Active Current
CE = OE = V
IL
f = 5 MHz
40
mA
I
CC2
V
CC Active Current
CE = GND, f = 5 MHz
CMOS Inputs
Inputs = VCC or GND, I/O = 0 mA
35
mA
C, E Temp Ranges
IPP
VPP Supply Current
VPP = VCC
10
µA
V
PP
V
PP Read Voltage
V
CC - 0.7
V
CC
V
ILI
Input Load Current
VIN = 5.5V or GND
-1
1
µA
I
LO
Output Leakage Current
V
OUT = 5.5V or GND
-10
10
µA
AC Electrical Characteristics
Symbol
Parameter
90
120
150
Units
Min
Max
Min
Max
Min
Max
tACC
Address to Output Delay
90
120
150
ns
t
CE
CE to Output Delay
90
120
150
tOE
OE to Output Delay
40
50
50
t
DF
Output Disable to
35
25
45
Output Float
t
OH
Output Hold from Addresses, CE or OE,
0
0
0
Whichever Occurred First


Similar Part No. - FM27C512NE120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512Q120 FAIRCHILD-FM27C512Q120 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512Q150 FAIRCHILD-FM27C512Q150 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512Q90 FAIRCHILD-FM27C512Q90 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512QE120 FAIRCHILD-FM27C512QE120 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Similar Description - FM27C512NE120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com