Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM2G300US60 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FM2G300US60
Description  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM2G300US60 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FM2G300US60 Datasheet HTML 1Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 2Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 3Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 4Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 5Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 6Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 7Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 8Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FM2G300US60 Rev. A1
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1E-4
1E-3
0.01
0.1
0.5
T
C=25
IGBT
:
DIODE :
Rectangular Pulse Duration [sec]
0
100
200
300
400
500
600
700
1
10
100
1000
2000
Single Nonrepetitive
Pulse T
J
≤ 125℃
V
GE
= 15V
R
G
= 1.5
Collector-Emitter Voltage, V
CE
[V]
1
10
100
1000
1
10
100
1000
Safe Operating Area
V
GE = 20V, TC = 100
oC
Collector-Emitter Voltage, V
CE
[V]
0.3
1
10
100
1000
1
10
100
1000
Single Nonrepetitive
Pulse T
C = 25
Curves must be derated
linerarly with increase
in temperature
50us
100us
1㎳
DC Operation
I
C MAX. (Continuous)
I
C MAX. (Pulsed)
Collector-Emitter Voltage, V
CE [V]
0
200
400
600
800
1000
1200
1400
0
3
6
9
12
15
200 V
V
CC
= 100 V
300 V
Common Emitter
R
L
= 1
T
C = 25
Gate Charge, Qg [ nC ]
30
60
90
120
150
180
210
240
270
300
100
1000
10000
30000
Eoff
Eon
Common Emitter
V
CC = 300V, VGE =
± 15V
R
G = 1.5
T
C =
25℃
T
C = 125
Collector Current, I
C [A]
Fig 14. Gate Charge Characteristics
Fig 13. Switching Loss vs. Collector Current
Fig 15. SOA Characteristics
Fig 16. Turn-Off SOA Characteristics
Fig 17. RBSOA Characteristics
Fig 18. Transient Thermal Impedance


Similar Part No. - FM2G300US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM2G100US60 FAIRCHILD-FM2G100US60 Datasheet
710Kb / 9P
   Molding Type Module
FM2G150US60 FAIRCHILD-FM2G150US60 Datasheet
687Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FM2G400US60 FAIRCHILD-FM2G400US60 Datasheet
464Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results

Similar Description - FM2G300US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com