Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM2G300US60 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FM2G300US60
Description  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM2G300US60 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FM2G300US60 Datasheet HTML 1Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 2Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 3Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 4Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 5Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 6Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 7Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 8Page - Fairchild Semiconductor FM2G300US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FM2G300US60 Rev. A1
0
50
100
150
200
250
300
5
10
100
200
T
rr
Common Cathode
di/dt = 600A/㎲
T
C =
25℃
T
C = 100
I
rr
Forward Current, I
F
[A]
01
23
4
0
100
200
300
400
500
600
Common Cathode
V
GE = 0V
T
C =
25℃
T
C = 125
Forward Voltage, V
F [V]
Fig 20. Reverse Recovery Characteristics
Fig 19. Forward Characteristics


Similar Part No. - FM2G300US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM2G100US60 FAIRCHILD-FM2G100US60 Datasheet
710Kb / 9P
   Molding Type Module
FM2G150US60 FAIRCHILD-FM2G150US60 Datasheet
687Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FM2G400US60 FAIRCHILD-FM2G400US60 Datasheet
464Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results

Similar Description - FM2G300US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com