Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3570MT20 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FM3570MT20
Description  CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3570MT20 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FM3570MT20 Datasheet HTML 1Page - Fairchild Semiconductor FM3570MT20 Datasheet HTML 2Page - Fairchild Semiconductor FM3570MT20 Datasheet HTML 3Page - Fairchild Semiconductor FM3570MT20 Datasheet HTML 4Page - Fairchild Semiconductor FM3570MT20 Datasheet HTML 5Page - Fairchild Semiconductor FM3570MT20 Datasheet HTML 6Page - Fairchild Semiconductor FM3570MT20 Datasheet HTML 7Page - Fairchild Semiconductor FM3570MT20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.fairchildsemi.com
www.fairchildsemi.com
FM3570 Rev. A
AC Characteristics
Symbol
Parameter
T
A = 0°C to +70°C,CL = 30pF, RL = 500
Units
V
CC = 5.0V ± 0.5V
V
CC = 3.3V ± 0.3V
Min
Max
Min
Max
tPHL
Prop Delay I to Y
50
50
ns
t
PLH
Prop Delay I to Y
50
50
ns
tPHL
Prop Delay to Y (from OVRD or MUXSEL)
50
50
ns
t
PLH
Prop Delay to Y (from OVRD or MUXSEL)
50
50
ns
Capacitance (T
A = +25°C)
Symbol
Parameter
Conditions
T
A = +25°C Typical
Units
C
IN
Input Capacitance (I4-I0)
V
I = 0V or VCC, VCC = 3.3 or 5.0
6
pF
C
I/O
Input/Output Capacitance (SDA)
V
I = 0V or VCC, VCC = 3.3 or 5.0
7
pF
C
OUT
Output Capacitance (Y4-Y0)
7
pF
Non-Volatile Memory Characteristics
Parameter
Specification
Data Retention
10 years minimum
Number of writes
1,000,000 cycles
IIC AC Characteristics
Symbol
Parameter
T
A = 0°C to +70°C,CL = 30pF, RL = 500
Units
100kHz
400kHz
Min
Max
Min
Max
f
SCL
SCL Clock Frequency
100
400
kHz
T1
Noise Supression Time Constant
100
50
ns
t
AA
SCL Low to SDA Data Out Valid
0.3
3.5
0.1
0.9
µs
tBUF
Time the Bus must be free before a new
4.7
1.3
µs
Transmission can start
t
HD:STA
Start Condition Hold Time
4.0
0.6
µs
t
LOW
Clock Low Period
4.7
0.6
µs
t
HIGH
Clock High Period
4.0
0.6
µs
t
SU:STA
Start Condition Setup Time (For a
4.7
0.6
repeated Start Condition)
tHD:DAT
Data in Hold Time
0
0
µs
t
SU:DAT
Data in Setup Time
250
100
ns
tR
SDA and SCL Rise Time
1000
300
ns
t
F
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4.7
0.6
µs


Similar Part No. - FM3570MT20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM350 RECTRON-FM350 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM350 FORMOSA-FM350 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM350 WINNERJOIN-FM350 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM350-A FORMOSA-FM350-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM350-AL FORMOSA-FM350-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM3570MT20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3565 FAIRCHILD-FM3565 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com