Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM27C512V90 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM27C512V90
Description  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C512V90 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM27C512V90 Datasheet HTML 1Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.fairchildsemi.com
www.fairchildsemi.com
FM27C512
FM27C512
524,288-Bit (64K x 8) High Performance CMOS EPROM
General Description
The FM27C512 is a high performance 512K UV Erasable Electri-
cally Programmable Read Only Memory (EPROM). It is manufac-
tured using Fairchild’s proprietary CMOS AMG™ EPROM tech-
nology for an excellent combination of speed and economy while
providing excellent reliability.
The FM27C512 provides microprocessor-based systems storage
capacity for portions of operating system and application soft-
ware. Its 90 ns access time provides no wait-state operation with
high-performance CPUs. The FM27C512 offers a single chip
solution for the code storage requirements of 100% firmware-
based equipment. Frequently-used software routines are quickly
executed from EPROM storage, greatly enhancing system utility.
The FM27C512 is configured in the standard JEDEC EPROM
pinout which provides an easy upgrade path for systems which are
currently using standard EPROMs.
Block Diagram
January 2000
The FM27C512 is one member of a high density EPROM Family
which range in densities up to 4 Megabit.
Features
I High performance CMOS
— 90 ns access time
I Fast turn-off for microprocessor compatibility
I Manufacturers identification code
I JEDEC standard pin configuration
— 28-pin PDIP package
— 32-pin chip carrier
— 28-pin CERDIP package
DS800035-1
AMG is a trademark of WSI, Inc.
© 1998 Fairchild Semiconductor Corporation
Output Enable and
Chip Enable Logic
Y Decoder
X Decoder
Output
Buffers
524,288-Bit
Cell Matrix
Data Outputs O0 - O7
VCC
GND
VPP
OE
CE/PGM
A0 - A15
Address
Inputs


Similar Part No. - FM27C512V90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C512V90 FAIRCHILD-FM27C512V90 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Similar Description - FM27C512V90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com