Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3540SM14 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FM3540SM14
Description  4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3540SM14 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FM3540SM14 Datasheet HTML 2Page - Fairchild Semiconductor FM3540SM14 Datasheet HTML 3Page - Fairchild Semiconductor FM3540SM14 Datasheet HTML 4Page - Fairchild Semiconductor FM3540SM14 Datasheet HTML 5Page - Fairchild Semiconductor FM3540SM14 Datasheet HTML 6Page - Fairchild Semiconductor FM3540SM14 Datasheet HTML 7Page - Fairchild Semiconductor FM3540SM14 Datasheet HTML 8Page - Fairchild Semiconductor FM3540SM14 Datasheet HTML 9Page - Fairchild Semiconductor FM3540SM14 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
www.fairchildsemi.com
FM3540/60 Rev. C
AC Characteristics
Symbol
Parameter
TA = 0°C to +70°C,CL = 30pF, RL = 500
Units
VCC = 5.0V ± 0.5V
VCC = 3.3 ± 0.3V
Min
Max
Min
Max
t
PHL
Prop Delay I to Y
50
50
ns
TPLH
Prop Delay I to Y
50
50
ns
t
PHL
Prop Delay to Y (from OVRD’ or Mux_Sel)
50
50
ns
TPLH
Prop Delay to Y (from OVRD’ or Mux_Sel)
50
50
ns
IIC AC Characteristics
Symbol
Parameter
TA = 0°C to +70°C,CL = 30pF, RL = 500
Units
100kHz
400kHz
Min
Max
Min
Max
f
SCL
SCL Clock Frequency
100
400
kHz
T1
Noise Supression Time Constant
100
50
nS
t
AA
SCL Low to SDA Data Out Valid
0.3
3.5
0.1
0.9
µS
tBUF
Time the Bus must be free before a new
4.7
1.3
µS
Transmission can start
tHD:STA
Start Condition Hold Time
4.0
0.6
µS
t
LOW
Clock Low Period
4.7
0.6
µS
tHIGH
Clock High Period
4.0
0.6
µS
t
SU:STA
Start Condition Setup Time (For a
4.7
0.6
repeated Start Condition)
t
HD:DAT
Data in Hold Time
0
0
µS
t
SU:DAT
Data in Setup Time
250
100
nS
t
R
SDA and SCL Rise Time
1000
300
nS
t
F
SDA and SCL Fall Time
300
300
nS
t
SU:STO
Stop Condition Setup Time
4.7
0.6
µS
Capacitance
Symbol
Parameter
Conditions
TA = +25
°C Typical
Units
Cin
Input Capacitance (I4-I0)
VI =0V or VCC, VCC=3.3 or 5.0
6
PF
C
I/O
Input/Output Capacitance (SDA)
V
I=0V or VCC, VCC=3.3 or 5.0
7
PF
COUT
Output Capacitance (Y4-Y0)
7
PF
Non-Volatile Memory Characteristics
Parameter
Specification
Data Retention
10 years minimum
Number of writes
1,000,000 cycles


Similar Part No. - FM3540SM14

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM350 RECTRON-FM350 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM350 FORMOSA-FM350 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM350 WINNERJOIN-FM350 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM350-A FORMOSA-FM350-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM350-AL FORMOSA-FM350-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM3540SM14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
   5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
   8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
PCA9560 PHILIPS-PCA9560 Datasheet
111Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2003 Jun 27
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com