Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM50 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM50
Description  Analog Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM50 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM50 Datasheet HTML 1Page - Fairchild Semiconductor FM50 Datasheet HTML 2Page - Fairchild Semiconductor FM50 Datasheet HTML 3Page - Fairchild Semiconductor FM50 Datasheet HTML 4Page - Fairchild Semiconductor FM50 Datasheet HTML 5Page - Fairchild Semiconductor FM50 Datasheet HTML 6Page - Fairchild Semiconductor FM50 Datasheet HTML 7Page - Fairchild Semiconductor FM50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRODUCT SPECIFICATION
FM50
REV. 1.0.8 9/12/02
3
Absolute Maximum Ratings1
Notes:
1. Absolute maximum ratings are limits beyond which operation may cause permanent damage to the device. These are stress
ratings only; functional operation at or above these limits is not implied.
2. Operating ratings are conditions for which the device is intended to be functional without specific guaranteed performance
limits. For guaranteed specifications and test conditions refer to Electrical Characteristics.
3. Human Body Model: 100pF capacitor discharged through a 1.5kOhm resistor into each pin. Machine Model: 200pF capacitor
discharged directly into each pin.
Electrical Characteristics4
Limits apply for -40°C
≤ TA ≤ +125°C and VDD = +5.0V unless otherwise noted.
Notes:
4. These specifications are guaranteed only for the test conditions listed.
5. Accuracy (expressed in °C) = Difference between calculated output voltage and measured output voltage. Calculated output
voltage = 10mV/°C multiplied by the device’s case temperature at specified conditions of temperature, voltage and power
supply, added to 500mV.
6. Non-linearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the
device’s rated temperature range.
Parameter
Min.
Typ.
Max.
Units
Supply Voltage
+7
V
Output Voltage
VDD + 0.5
V
Output Current
10
µA
Operating Temperature Range2
-50
+150
°C
Storage Temperature Range
-60
+150
°C
Lead Soldering Temperature
220
°C
ESD2
Human Body Model
Machine Model
2000
250
V
V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Transfer Characteristic
Sensitivity
AOUT
9.7
10
10.3
mV/°C
Output at 25°C
740
750
760
mV
Accuracy5
TA = +25°C
TA = -40°C (TMIN)
TA = +125°C (TMAX)
-1
-3.5
-3
±0.5
±1
±1
+1
+3.5
+3
°C
°C
°C
Temperature Range
-40
+125
°C
Non-Linearity6
-0.8
+0.8
°C
Output
Output Voltage Range
100
1500
mV
Output Current Source
IONSN
Sensing
25
µA
IONSG
Surge
mA
Output Current Sink
IOL
50
µA
Output resistance
100k
Ω load at 25°C
1
10
k
Load regulation
mV/mA
Power
Supply Voltage
VDD
2.4
6.0
V
Quiescent Current
IS
No output load
170
µA
Package
Thermal Resistance
260
°C/W


Similar Part No. - FM50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
41Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
SHENZHEN FUMAN ELECTRON...
FM5001H FUMAN-FM5001H Datasheet
299Kb / 7P
   Handheld 3-speed fan-specific IC
More results

Similar Description - FM50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
   Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_08 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com