Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM3225-800-2P-T001 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACM3225-800-2P-T001
Description  Common Mode Filters For high-speed differential signal line/general signal line
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM3225-800-2P-T001 Datasheet(HTML) 3 Page - TDK Electronics

  ACM3225-800-2P-T001 Datasheet HTML 1Page - TDK Electronics ACM3225-800-2P-T001 Datasheet HTML 2Page - TDK Electronics ACM3225-800-2P-T001 Datasheet HTML 3Page - TDK Electronics ACM3225-800-2P-T001 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(2/3)
001-04 / 20120610 / e9712_acm.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAMS/RECOMMENDED PC BOARD PATTERNS
2-LINE TYPE
ACM2012-2P
ACM2520-2P
3-LINE TYPE
ACM2520-3P
ELECTRICAL CHARACTERISTICS
2.0
±0.2
Ferrite
Termination
Wires
Termination
1
2
4
3
1.2
0.4
0.4
1.1 0.75
0.75
Dimensions in mm
1
2
4
3
2.5
±0.2
1.6
0.45
0.45
1.5
0.8
0.8
Dimensions in mm
1
2
4
3
Part No.
Impedance
(
)typ.[100MHz]
DC resistance
(
)max.[per 1 line]
Rated voltage
Edc(V)max.
Rated current
Idc(A)max.
2-LINE
ACM2012-900-2P
90
0.19
50
0.4
ACM2012-121-2P
120
0.22
50
0.37
ACM2012-201-2P
200
0.25
50
0.35
ACM2012-361-2P
360
0.5
50
0.22
ACM2520-301-2P
300
0.35
20
0.4
ACM2520-451-2P
450
0.4
20
0.35
ACM2520-601-2P
600
0.45
20
0.3
ACM2520-102-2P
1000
0.9
20
0.2
3-LINE
ACM2520-801-3P
800
1.6
20
0.15
2.5
±0.2
1.6
0.45
0.45
Ferrite
Wires
Electrode
1
2
3
6
5
4
3
2
1
4
5
6
1.5
0.8
0.8
Dimensions in mm
1
2
6
5
3
4


Similar Part No. - ACM3225-800-2P-T001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM3225-800-2P TDK-ACM3225-800-2P Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
More results

Similar Description - ACM3225-800-2P-T001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-102-2P-T TDK-ACM3225-102-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
   Common Mode Filters For high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1210G-301-2P-T200 TDK-TCM1210G-301-2P-T200 Datasheet
48Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com