Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C2552CJ44-F Datasheet(PDF) 4 Page - Exar Corporation

Part # ST16C2552CJ44-F
Description  2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552CJ44-F Datasheet(HTML) 4 Page - Exar Corporation

  ST16C2552CJ44-F Datasheet HTML 1Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 2Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 3Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 4Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 5Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 6Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 7Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 8Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ST16C2552
4
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
REV. 4.2.2
MFA#
35
O
Multi-Function Output Channel A. This output pin can function as the OP2A#, BAUD-
OUTA#, or RXRDYA# pin. One of these output signal functions can be selected by
the user programmable bits 1-2 of the Alternate Function Register (AFR). These sig-
nal functions are described as follows:
1) OP2A# - When OP2A# (active low) is selected, the MF# pin is a logic 0 when MCR
bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults to a logic 1 condition after
a reset or power-up.
2) BAUDOUTA# - When BAUDOUTA# function is selected, the 16X Baud rate clock
output is available at this pin.
3) RXRDYA# - RXRDYA# (active low) is intended for monitoring DMA data transfers.
See Table 2 for more details.
If it is not used, leave it unconnected.
MFB#
19
O
Multi-Function Output ChannelB. This output pin can function as the OP2B#, BAUD-
OUTB#, or RXRDYB# pin. One of these output signal functions can be selected by
the user programmable bits 1-2 of the Alternate Function Register (AFR). These sig-
nal functions are described as follows:
1) OP2B# - When OP2B# (active low) is selected, the MF# pin is a logic 0 when MCR
bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults to a logic 1 condition after
a reset or power-up.
2) BAUDOUTB# - When BAUDOUTB# function is selected, the 16X Baud rate clock
output is available at this pin.
3) RXRDYB# - RXRDYB# (active low) is intended for monitoring DMA data transfers.
See Table 2 for more details.
If it is not used, leave it unconnected.
TXA
38
O
UART channel A Transmit Data. If it is not used, leave it unconnected.
RXA
39
I
UART channel A Receive Data. Normal receive data input must idle at logic 1 condi-
tion. If it is not used, tie it to VCC or pull it high via a 100k ohm resistor.
RTSA#
36
O
UART channel A Request-to-Send (active low) or general purpose output. If it is not
used, leave it unconnected.
CTSA#
40
I
UART channel A Clear-to-Send (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
DTRA#
37
O
UART channel A Data-Terminal-Ready (active low) or general purpose output. If it is
not used, leave it unconnected.
DSRA#
41
I
UART channel A Data-Set-Ready (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
CDA#
42
I
UART channel A Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
Pin Description
NAME
44-PLCC
PIN #
TYPE
DESCRIPTION


Similar Part No. - ST16C2552CJ44-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C2552CJ44-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com