Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM75M8X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM75M8X
Description  Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM75M8X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM75M8X Datasheet HTML 1Page - Fairchild Semiconductor FM75M8X Datasheet HTML 2Page - Fairchild Semiconductor FM75M8X Datasheet HTML 3Page - Fairchild Semiconductor FM75M8X Datasheet HTML 4Page - Fairchild Semiconductor FM75M8X Datasheet HTML 5Page - Fairchild Semiconductor FM75M8X Datasheet HTML 6Page - Fairchild Semiconductor FM75M8X Datasheet HTML 7Page - Fairchild Semiconductor FM75M8X Datasheet HTML 8Page - Fairchild Semiconductor FM75M8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.fairchildsemi.com
REV. 1.0.5 10/2/03
Features
• User Configurable to 9, 10, 11 or 12-bit Resolution
• Precision Calibrated to ±1°C from 0°C to 100°C Typical
•Temperature Range: –40°C to 125°C
•Low Operating Current (less than 250µA)
•Low Self Heating (0.2°C max in still air)
• Operating Voltage Range: 2.7V to 5.5V
Applications
• Battery Management
•FAX Management
• Printers
• Portable Medical Instruments
•HVAC
•Power Supply Modules
• Disk Drives
• Computers
• Automotive
Description
Within the FM75 are: a high-precision CMOS temperature
sensor, a Delta-Sigma analog-to-digital converter and a
SMBus compatible serial digital interface. Typical accuracy
is ±2°C over the full temperature range of –40°C to 125°C
and to ±1°C over the range of 0°C to 100°C, with 9- to 12-bit
resolution. Default resolution is 9 bits.
Thermal Alarm output, OS (Over-limit Signal) supports
Interrupt and Comparator modes. OS is active, if the
user-programmable trip-temperature is exceeded. When
the temperature falls below the trip-temperature plus the
user-programmable hysteresis limit, OS is disabled.
Available packages are surface mount SOIC-8 (SOP-8) and
MSOP-8.
Application Diagram
FM75
A0
A1
A2
SDA
SCL
1
2
3
5
6
7
O.S.
4
8
8 Pin
Configuration
User
Programmable
Address
SMBus
Interface
2.7 to 5.5V
FM75
Low Voltage 2-Wire Digital Temperature Sensor
with Thermal Alarm


Similar Part No. - FM75M8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75M8X FAIRCHILD-FM75M8X Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
More results

Similar Description - FM75M8X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75_06 Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com